Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BL-PMSY-CJS Datasheet(PDF) 3 Page - BRIGHT LED ELECTRONICS CORP

Part # BL-PMSY-CJS
Description  Bi-Color DOMILED High brightness bi-color surface mount LED.
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIGHT [BRIGHT LED ELECTRONICS CORP]
Direct Link  http://www.brightled.co.kr
Logo BRIGHT - BRIGHT LED ELECTRONICS CORP

BL-PMSY-CJS Datasheet(HTML) 3 Page - BRIGHT LED ELECTRONICS CORP

  BL-PMSY-CJS Datasheet HTML 1Page - BRIGHT LED ELECTRONICS CORP BL-PMSY-CJS Datasheet HTML 2Page - BRIGHT LED ELECTRONICS CORP BL-PMSY-CJS Datasheet HTML 3Page - BRIGHT LED ELECTRONICS CORP BL-PMSY-CJS Datasheet HTML 4Page - BRIGHT LED ELECTRONICS CORP BL-PMSY-CJS Datasheet HTML 5Page - BRIGHT LED ELECTRONICS CORP BL-PMSY-CJS Datasheet HTML 6Page - BRIGHT LED ELECTRONICS CORP  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
AMERICAN BRIGHT OPTOELECTRONICS CORP.
Bi-Color DOMILED BL-PMxx-xJS Series
V.13 Page: 3 of 6
•
Absolute Maximum Ratings:
Parameter
Maximum Value
Unit
DC forward current.
AS AlInGaP
30
InGaN
20
mA
Peak pulse current.
(tp
≤ 10 µs, Duty cycle = 0.005)
AS AlInGaP
1000
InGaN
200
mA
Reverse voltage.
5
V
LED junction temperature.
125
°C
Operating temperature.
-40 … +100
°C
Storage temperature.
-40 … +100
°C
•
Optical Characteristics (TA = 25
oC):
Vf at If=20mA
Typ.
Max
View Angle
Red
2.2
2.45
Super Red
2.2
2.45
Green
2.2
2.45
True Green
3.7
4.25
Blue
3.7
4.25
120
•
Vf Binning:
Vf Bin @ 20mA
Red, Yellow, Green;
AlInGaP (V)
True Green & Blue
InGaN (V)
00
1.25 … 1.55
3.05 … 3.35
01
1.55 … 1.85
3.35 … 3.65
02
1.85 … 2.15
3.65 … 3.95
03
2.15 … 2.45
3.95 … 4.25
Forward voltage, Vf is measured with an accuracy of
±0.1 V.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com