Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

2AD2T2A2M2CE Datasheet(PDF) 1 Page - Multicomp Pro

Part # 2AD2T2A2M2CE
Description  2A Series Sealed Sub-Miniature Toggle Switches
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

2AD2T2A2M2CE Datasheet(HTML) 1 Page - Multicomp Pro

  2AD2T2A2M2CE Datasheet HTML 1Page - Multicomp Pro 2AD2T2A2M2CE Datasheet HTML 2Page - Multicomp Pro 2AD2T2A2M2CE Datasheet HTML 3Page - Multicomp Pro 2AD2T2A2M2CE Datasheet HTML 4Page - Multicomp Pro 2AD2T2A2M2CE Datasheet HTML 5Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
www.element14.com
www.farnell.com
www.newark.com
Page <1>
V1.0
16/02/18
2A Series
Sealed Sub-Miniature Toggle Switches
Specifications
Mechanical Life
: 30,000 make-and-break cycles.
Contact Resistance
: 20mΩ max. initial @ 2-4V DC
100mA for both silver and gold plated contacts
Insulation Resistance
: 1,000MΩ min.
Dielectric Strength
: 1,000 Vrms min. @ sea level
Operating Temperature
: -40°C to 85°C
Materials
Case and Bushing
: Glass filled nylon 6/6, flame retardant, heat stabilized (UL94V-0)
Actuator
: Brass, Chrome plated, internal O-ring seal. Standard for all actuators
Switch Support
: Brass, Tin plated
Contact / Terminals
: Copper alloy with Silver or Gold plated
Switch Function
Contact Material Options
Contact Plating
Terminal Plating
Ratings
Q
Silver
Q = Gold flash over silver
3 Amps with resistant load @ 120V AC or 28V DC
1 Amps with resistant load @ 250V AC
C
Gold over Silver
C = Gold over silver
R
Gold
R = Gold
0.4 Volt - Amps (VA) max. @ 20V max. (AC or DC)
No. Poles
UL/CSA
Model
No.
Model
No.
Switch Function
Connected Terminals / Schematic
Pos. 1
Pos. 2
Pos. 3
Pos. 1
Pos. 2
Pos. 3
SP
Q22A11
2AS1
ON
NONE
ON
2-3
N/A
2-1
Q22A12
2AS2
ON
NONE
MOM
Q22A13
2AS3
ON
OFF
ON
OPEN
Q22A14
2AS4
MOM
OFF
MOM
Q22A15
2AS5
ON
OFF
MOM
Q22A16
2AS6
OFF
NONE
ON
OPEN
N/A
3-1
DP
Q22A21
2AD1
ON
NONE
ON
2-3, 5-6
N/A
2-1, 5-4
Q22A22
2AD2
ON
NONE
MOM
Q22A23
2AD3
ON
OFF
ON
OPEN
MOM = Momentary


Similar Part No. - 2AD2T2A2M2CE

ManufacturerPart #DatasheetDescription
logo
Multicomp Pro
2AD2T2A2M2RE MULTICOMP-2AD2T2A2M2RE Datasheet
1Mb / 4P
Toggle Switches Sub-Miniature
11/08/20 V1.0
More results

Similar Description - 2AD2T2A2M2CE

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
ES40-T DBLECTRO-ES40-T Datasheet
466Kb / 5P
Sealed Sub-Miniature Toggle Switches
logo
ITT Industries
E101MD1ABE ITT-E101MD1ABE Datasheet
1Mb / 8P
Sealed Miniature Toggle Switches
logo
GREATECS
STS1A2B1MTAGER GREATECS-STS1A2B1MTAGER Datasheet
175Kb / 1P
Sub-Miniature Sealed SMT Toggle Switches
TK41 GREATECS-TK41 Datasheet
176Kb / 3P
Sealed Sub-Miniature SPDT Toggle Switches
logo
C&K Components
E101MD1ABE CK-COMPONENTS-E101MD1ABE Datasheet
539Kb / 8P
Sealed Miniature Toggle Switches
E107SD1ABE CK-COMPONENTS-E107SD1ABE Datasheet
610Kb / 8P
E Series Sealed Miniature Toggle Switches
logo
Grayhill, Inc
34BWSP12B4M2RT GRAYHILL-34BWSP12B4M2RT Datasheet
185Kb / 4P
Sealed Miniature Toggle Switches
34DWMSP12B4M2RT GRAYHILL-34DWMSP12B4M2RT Datasheet
134Kb / 3P
Sealed Sub-Miniature Toggle Switches
logo
C&K Components
E105SD1CBE CK-COMPONENTS-E105SD1CBE Datasheet
610Kb / 8P
Sealed Miniature Toggle Switches
E107MD1AV2BE CK-COMPONENTS-E107MD1AV2BE Datasheet
621Kb / 8P
Sealed Miniature Toggle Switches
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com