Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ICS85411AMILF Datasheet(PDF) 10 Page - Integrated Device Technology

Part # ICS85411AMILF
Description  LOW SKEW, 1-TO-2 DIFFERENTIAL-TOLVDS FANOUT BUFFER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS85411AMILF Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button ICS85411AMILF Datasheet HTML 6Page - Integrated Device Technology ICS85411AMILF Datasheet HTML 7Page - Integrated Device Technology ICS85411AMILF Datasheet HTML 8Page - Integrated Device Technology ICS85411AMILF Datasheet HTML 9Page - Integrated Device Technology ICS85411AMILF Datasheet HTML 10Page - Integrated Device Technology ICS85411AMILF Datasheet HTML 11Page - Integrated Device Technology ICS85411AMILF Datasheet HTML 12Page - Integrated Device Technology ICS85411AMILF Datasheet HTML 13Page - Integrated Device Technology ICS85411AMILF Datasheet HTML 14Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
IDT™ / ICS™ DIFFERENTIAL-TO-LVDS FANOUT BUFFER
10
ICS85411AMI REV. B NOVEMBER 7, 2007
ICS85411I
LOW SKEW, 1-TO-2 DIFFERENTIAL-TO-LVDS FANOUT BUFFER
LVDS DRIVER TERMINATION
A general LVDS interface is shown in Figure 3.
In a 100
Ω
differential transmission line environment, LVDS dr ivers
require a matched load termination of 100
Ω across near the
receiver input. For a multiple LVDS outputs buffer, if only
par tial outputs are used, it is recommended to terminate
the unused outputs.
FIGURE 3. TYPICAL LVDS DRIVER TERMINATION
R1
100
3.3V
100 Ohm Differential Transmission Line
3.3V
+
-
LVDS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com