Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STPS1045DEE-TR Datasheet(PDF) 5 Page - STMicroelectronics

Part # STPS1045DEE-TR
Description  45 V, 10 A power Schottky rectifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS1045DEE-TR Datasheet(HTML) 5 Page - STMicroelectronics

  STPS1045DEE-TR Datasheet HTML 1Page - STMicroelectronics STPS1045DEE-TR Datasheet HTML 2Page - STMicroelectronics STPS1045DEE-TR Datasheet HTML 3Page - STMicroelectronics STPS1045DEE-TR Datasheet HTML 4Page - STMicroelectronics STPS1045DEE-TR Datasheet HTML 5Page - STMicroelectronics STPS1045DEE-TR Datasheet HTML 6Page - STMicroelectronics STPS1045DEE-TR Datasheet HTML 7Page - STMicroelectronics STPS1045DEE-TR Datasheet HTML 8Page - STMicroelectronics STPS1045DEE-TR Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
2
Package information
In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK packages,
depending on their level of environmental compliance. ECOPACK specifications, grade definitions and product
status are available at: www.st.com. ECOPACK is an ST trademark.
2.1
PowerFLAT 3.3x3.3 mm package information
Figure 9. PowerFLAT 3.3x3.3 mm package outline
Table 4. PowerFLAT 3.3x3.3 mm mechanical data
Ref.
Dimensions
Millimeters
Min.
Typ.
Max.
A
0.90
1.10
A3
0.20
b
0.29
0.44
D
3.20
3.40
D2
1.61
1.82
E
3.20
3.40
E2
2.19
2.39
E3
1.54
1.74
e
0.55
0.75
L
0.30
0.50
L1
0.50
0.70
STPS1045DEE
Package information
DS9067 - Rev 2
page 5/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com