Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STPS1150 Datasheet(PDF) 12 Page - STMicroelectronics

Part # STPS1150
Description  150 V, 1 A power Schottky rectifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS1150 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STPS1150_V01 Datasheet HTML 5Page - STMicroelectronics STPS1150_V01 Datasheet HTML 6Page - STMicroelectronics STPS1150_V01 Datasheet HTML 7Page - STMicroelectronics STPS1150_V01 Datasheet HTML 8Page - STMicroelectronics STPS1150_V01 Datasheet HTML 9Page - STMicroelectronics STPS1150_V01 Datasheet HTML 10Page - STMicroelectronics STPS1150_V01 Datasheet HTML 11Page - STMicroelectronics STPS1150_V01 Datasheet HTML 12Page - STMicroelectronics STPS1150_V01 Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
Revision history
Table 8. Document revision history
Date
Version
Changes
Jul-2003
2A
Last update.
Aug-2004
3
SMA package dimensions update. Reference A1 max. changed from 2.70 mm
(0.106) to 2.03 mm (0.080).
31-May-2006
4
Reformatted to current standard. Added ECOPACK statement. Updated SMA
footprint in Figure 15. Changed nF to pF in Figure 10.
09-Feb-2011
5
Added STmite and STmite flat package.
15-Apr-2014
6
Updated : Features, Table 2, 3 and Figure 2. Updated Section 2: Package
information.
28-Sep-2018
7
Removed STmite and STmite flat package information. Updated
Table 1. Absolute ratings (limiting values, at 25 °C, unless otherwise specified)
and Figure 3. Normalized avalanche power derating versus pulse duration (Tj
= 125 °C).
25-Sep-2019
8
Added Section 2.2 SMA Flat Notch package information.
STPS1150
DS3281 - Rev 8
page 12/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com