Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STPS1545CG-TR Datasheet(PDF) 12 Page - STMicroelectronics

Part # STPS1545CG-TR
Description  Power Schottky rectifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS1545CG-TR Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STPS1545CG-TR Datasheet HTML 5Page - STMicroelectronics STPS1545CG-TR Datasheet HTML 6Page - STMicroelectronics STPS1545CG-TR Datasheet HTML 7Page - STMicroelectronics STPS1545CG-TR Datasheet HTML 8Page - STMicroelectronics STPS1545CG-TR Datasheet HTML 9Page - STMicroelectronics STPS1545CG-TR Datasheet HTML 10Page - STMicroelectronics STPS1545CG-TR Datasheet HTML 11Page - STMicroelectronics STPS1545CG-TR Datasheet HTML 12Page - STMicroelectronics STPS1545CG-TR Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
Ordering information
STPS1545C
12/13
DocID3503 Rev 8
3
Ordering information
Table 8: Ordering information
Order code
Marking
Package
Weight
Base qty
Delivery mode
STPS1545CT
STPS1545CT
TO-220AB
1.95g
50
Tube
STPS1545CR
STPS1545CR
I2PAK
1.5g
50
Tube
STPS1545CG-TR
STPS1545CG
D2PAK
1.38g
1000
Tape and reel
4
Revision history
Table 9: Document revision history
Date
Revision
Changes
Jul-2003
5F
Last release.
21-Mar-2007
6
Removed ISOWATT and TO-220FPAB packages.
03-Nov-2010
7
Added DPAK package
26-Feb-2016
8
Removed DPAK package.
Updated features and packages silhouette in cover page.
Updated Section 1: "Characteristics" and Section 1.1: "Characteristics
(curves)".
Updated Section 2.1: "D²PAK package information".



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com