Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ABCIRP18XR Datasheet(PDF) 20 Page - TT Electronics.

Part # ABCIRP18XR
Description  Modular bayonet lock connector series
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

ABCIRP18XR Datasheet(HTML) 20 Page - TT Electronics.

Back Button ABCIRP18XR Datasheet HTML 16Page - TT Electronics. ABCIRP18XR Datasheet HTML 17Page - TT Electronics. ABCIRP18XR Datasheet HTML 18Page - TT Electronics. ABCIRP18XR Datasheet HTML 19Page - TT Electronics. ABCIRP18XR Datasheet HTML 20Page - TT Electronics. ABCIRP18XR Datasheet HTML 21Page - TT Electronics. ABCIRP18XR Datasheet HTML 22Page - TT Electronics. ABCIRP18XR Datasheet HTML 23Page - TT Electronics. ABCIRP18XR Datasheet HTML 24Page - TT Electronics. Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 43 page
background image
ABCIRP
18
single hole mounting receptacle
ABCIRP
ABCIRP09T
Shell
Size
A Max
B
C
D Max
E
ØF Thread
Class 2A
ØG
P
Om Min
Overlap
Mated
Min
Max
18
49.55
33.70
4.80
47.85
39.70
1’’ x 20 UNEF
16.80
2.40
9.00
15.85
20
51.05
44.00
1
1/8’’ x 18
UNEF
18.00
22
54.45
46.00
1
1/4’’ x 18
UNEF
20.20
9.10
15.75
24
57.45
50.80
1
3/8’’ x 18
UNEF
20.20
28
52.15
35.20
5.60
63.75
55.00
1
5/8’’ x 18
UNEF
22.50
8.50
32
70.05
62.00
1
7/8’’ x 18
UNEF
24.70
36
76.45
71.00
2
1/16’’ x 18
UNS
26.90
8.30
40
83.75
75.00
2
5/16’’ x 18
UN
29.60
18
www.ttabconnectors.com
ABCIRP
single hole mounting
ABCIRP09T
Shell
Size
A
Max
B
C
D
Max
E
ØF Thread
Class 2A
ØG
P
Min
Max
Om Min
Overlap
Mated
18
49.55 33.70
4.80
47.85
39.70
1’’ x 20 UNEF
16.80
2.40
9.00
15.85
20
51.05
44.00
11/8’’ x 18
UNEF
18.00
22
54.45
46.00
11/4’’ x 18
UNEF
20.20
9.10
15.75
24
57.45
50.80
13/8’’ x 18
UNEF
20.20
28
52.15 35.20
5.60
63.75
55.00
15/8’’ x 18
UNEF
22.50
8.50
32
70.05
62.00
17/8’’ x 18
UNEF
24.70
36
76.45
71.00
21/16’’ x 18
UNS
26.90
8.30
40
83.75
75.00
25/16’’ x 18
UN
29.60
Min
Max
18
49.55
33.70
4.80
47.85
39.70
1x 20UNEF
16.80
2.40
9.00
15.85
48.85
35.23
33.58
20
49.55
33.70
4.80
51.05
44.00
11/8 x 18UNEF
18.00
2.40
9.00
15.85
52.05
38.43
36.68
22
49.55
33.70
4.80
54.45
46.00
11/4 x 18UNEF
20.20
2.40
9.10
15.75
55.45
41.56
39.88
24
49.55
33.70
4.80
57.45
50.80
13/8 x 18UNEF
20.20
2.40
9.10
15.75
58.45
44.78
43.18
28
52.15
35.20
5.60
63.75
55.00
15/8 x 18UNEF
22.50
2.40
8.50
15.75
65.25
51.13
49.37
32
52.15
35.20
5.60
70.05
62.00
17/8 x 18UNEF
24.70
2.40
8.50
15.75
71.55
57.48
55.78
36
52.15
35.20
5.60
76.45
71.00 21/16 x 18UNEF
26.90
2.40
8.30
15.75
77.95
63.83
62.18
40
52.15
35.20
5.60
83.75
75.00 25/16 x 18UNEF
29.60
2.40
8.30
15.75
85.25
70.18
68.38
K
FThreadDia.
Class 2A
G
P
OmMin
Overlap
Mated
Hctrs.
J
E
Shell Size AMax
B
C
DMax
Panel Mounting Details
G
D
B
C
A
P - Panel Thickness
Om
H ctrs.
J



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com