Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ABCIRP28XR Datasheet(PDF) 32 Page - TT Electronics.

Part # ABCIRP28XR
Description  Modular bayonet lock connector series
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

ABCIRP28XR Datasheet(HTML) 32 Page - TT Electronics.

Back Button ABCIRP28XR Datasheet HTML 28Page - TT Electronics. ABCIRP28XR Datasheet HTML 29Page - TT Electronics. ABCIRP28XR Datasheet HTML 30Page - TT Electronics. ABCIRP28XR Datasheet HTML 31Page - TT Electronics. ABCIRP28XR Datasheet HTML 32Page - TT Electronics. ABCIRP28XR Datasheet HTML 33Page - TT Electronics. ABCIRP28XR Datasheet HTML 34Page - TT Electronics. ABCIRP28XR Datasheet HTML 35Page - TT Electronics. ABCIRP28XR Datasheet HTML 36Page - TT Electronics. Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 43 page
background image
cable clamp
CMSP3057A
ABCIRP
30
ABCIRP
Shell
Size
Part Number
CMSP3057A**M32
ØF Thread Class
2A
B Max
C Max
D Max
16 / 16S
16 / 16S
7/8’’ x 20
UNEF
28.58
14.30
24.61
18
18
1’’ x 20
UNEF
30.96
15.88
20
20
1
3/16’’ x 18
UNEF
35.71
19.05
22
22
24
24
1
7/16’’ x 18
UNEF
42.85
23.83
26.97
28
28
32
32
1
3/4’’ x 18
UNS
52.37
31.75
28.58
36
36
2’’ x 18
UNS
57.15
34.93
30.15
40
40
2
1/4’’ x 16
UN
64.29
41.28
43.66
‘F’



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com