Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ABCIRP24-10PFS Datasheet(PDF) 4 Page - TT Electronics.

Part # ABCIRP24-10PFS
Description  Modular bayonet lock connector series
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

ABCIRP24-10PFS Datasheet(HTML) 4 Page - TT Electronics.

  ABCIRP24-10PFS Datasheet HTML 1Page - TT Electronics. ABCIRP24-10PFS Datasheet HTML 2Page - TT Electronics. ABCIRP24-10PFS Datasheet HTML 3Page - TT Electronics. ABCIRP24-10PFS Datasheet HTML 4Page - TT Electronics. ABCIRP24-10PFS Datasheet HTML 5Page - TT Electronics. ABCIRP24-10PFS Datasheet HTML 6Page - TT Electronics. ABCIRP24-10PFS Datasheet HTML 7Page - TT Electronics. ABCIRP24-10PFS Datasheet HTML 8Page - TT Electronics. ABCIRP24-10PFS Datasheet HTML 9Page - TT Electronics. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 43 page
background image
2
ABCIRP
Contents
Technical Information
03
Part Number Explaination
05
Basic Assembly
06
Shell Assemblies
07
Insulators
08
Individual Wire Seal Grommet
09
Crimp Contacts
10
Insert Arrangements
12
Insert Arrangement Selector
13
Insulator Orientations
14
Additional Alignment / Polarising Device
15
Panel Mounted Receptacal
16
Plug Connector (style ‘T’ less accessories)
17
Single Hole Mounting
18
Plug Connector with Protective Rubber Ring (style ‘T’ less accessories)
19
Locking Backnut for Grommet Sealing only - LBN
20
Straight Conduit Heatshrink Screen Adaptor - SCHSA
21
90° Elbow Conduit Heatshrink Screen Adaptor - ECHSA
22
Shell Heatshrink Extender - SHE
23
Step-Up Adapters - SUA
24
Step-Down Adapters - SDA
25
Cable Gland Adapters
26
Shell Extender with Screening - SPTAS
27
CRA Adapters
28
Waterproof Clamp for Jacketed Clamp
29
Cable Clamp
30
Telescopic Brushing (use with CMSP 3057A clamp)
31
Panel Gasket
32
Connector Fixing Nut Plates / Grommet Fillers
33
Receptacle Mounting Detail
34
Metal Protective Caps
35
RFI Braid Sock, Bandit Strap & Knitmesh Braid
36
Crimp Contacts - Tooling
37
Crimp Contacts - Supplementary Tooling
38
Safety Information
39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com