| Electronic Components Datasheet Search |
|
ABCIRP22IC Datasheet(PDF) 28 Page - TT Electronics. |
|
|
|||||||||||||||||||||||||||||
ABCIRP22IC Datasheet(HTML) 28 Page - TT Electronics. |
|
28 / 43 page ![]() Shell Size Part Number ØA B Thread C 18 ABB-18-#GA-#M32 34.00 40.00 1’’ x 20 UNEF 20-22 ABB-20-#GA-#M32 37.00 40.00 1 3/16’’ x 18 UNEF 24-28 ABB-24-#GA-#M32 43.00 40.00 1 7/16’’ x 18 UNEF 32 ABB-32-#GA-#M32 54.00 48.00 1 3/4’’ x 18 UNS 36 ABB-36-#GA-#M32 57.20 50.00 2’’ x 18 UNS 40 ABB-40-#GA-#M32 65.00 2 1/4’’ x 16 UN ABCIRP 26 cable gland adapters (fitting on SCHSA & ECHSA accessory with PG / METRIC thread) ABCIRP Thread Table (D) Imperial (PGA) Thread Size Metric (MGA) Thread Size A PG7 A M12 x 1.5 B PG9 B M16 x 1.5 C PG11 C M20 x 1.5 D PG13.5 D M25 x 1.5 E PG16 E M32 x 1.5 F PG21 F M40 x 1.5 G PG29 G M50 x 1.5 H PG36 H M63 x 1.5 J PG42 K PG48 ABCIRP cable gland adapters (fitting on SCHSA & ECHSA accessory with PG / METRIC thread) Shell Size Part Number ØA B Thread C 18 ABB-18-#GA-#M32 34.00 40.00 1’’ x 20 UNEF 20-22 ABB-20-#GA-#M32 37.00 35.00 13/16’’ x 18 UNEF 20-22 ABB-20-#GA-#M32 43.00 40.00 24-28 ABB-24-#GA-#M32 17/16’’ x 18 UNEF 24-28 ABB-24-#GA-#M32 24-28 ABB-24-#GA-#M32 54.00 46.00 32 ABB-32-#GA-#M32 38.00 13/4’’ x 18 UNS 36 ABB-36-#GA-#M32 57.20 50.00 2’’ x 18 UNS 40 ABB-40-#GA-#M32 65.00 21/4’’ x 16 UN Thread Table (D) Imperial (PGA) Thread Size Metric (MGA) Thread Size A PG7 A M12 B PG9 B M16 C PG11 C M20 D PG13.5 D M25 E PG16 E M32 F PG21 F M40 G PG29 G M50 H PG36 H M63 J PG42 K PG48 Part Number Key ABB ## #GA # M32 P/N Prefix Accessory Size Thread Designation PGA - Imperial MGA - Metric Finish Code Thread ‘D’ (see table) P/N Example to fit shell size 20 with a rear metric thread size M25 ABB 20 MGA DM32 ABCIRP cable gland adapters (fitting on SCHSA & ECHSA accessory with PG / METRIC thread) Shell Size Part Number ØA B Thread C 18 ABB-18-#GA-#M32 34.00 40.00 1’’ x 20 UNEF 20-22 ABB-20-#GA-#M32 37.00 35.00 13/16’’ x 18 UNEF 20-22 ABB-20-#GA-#M32 43.00 40.00 24-28 ABB-24-#GA-#M32 17/16’’ x 18 UNEF 24-28 ABB-24-#GA-#M32 24-28 ABB-24-#GA-#M32 54.00 46.00 32 ABB-32-#GA-#M32 38.00 13/4’’ x 18 UNS 36 ABB-36-#GA-#M32 57.20 50.00 2’’ x 18 UNS 40 ABB-40-#GA-#M32 65.00 21/4’’ x 16 UN Thread Table (D) Imperial (PGA) Thread Size Metric (MGA) Thread Size A PG7 A M12 B PG9 B M16 C PG11 C M20 D PG13.5 D M25 E PG16 E M32 F PG21 F M40 G PG29 G M50 H PG36 H M63 J PG42 K PG48 Part Number Key ABB ## #GA # M32 P/N Prefix Accessory Size Thread Designation PGA - Imperial MGA - Metric Finish Code Thread ‘D’ (see table) P/N Example to fit shell size 20 with a rear metric thread size M25 ABB 20 MGA DM32 Finish Code Black Zinc Cobalt |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |