| Electronic Components Datasheet Search |
|
ABCIRP32IC Datasheet(PDF) 3 Page - TT Electronics. |
|
|
|||||||||||||||||||||||||||||
ABCIRP32IC Datasheet(HTML) 3 Page - TT Electronics. |
|
3 / 43 page ![]() ABCIRP The ABCIRP connector series is derived from the American Mil-C-5015 & VG95234 specifications and is approved to the French rail specification NF F 61 030. The connectors are intermateable and interchangeable with corresponding types, but feature a low fire hazard thermoplastic insulator which is removeable for repositioning at an alternative orientation. Contacts are retained in the insulator by means of a unique beryllium copper spring clip. Connector sealing features a stepped wire seal grommet which removes the need to populate unused cavities with filler plugs. Crimp tooling is industry standard and contacts are inserted and removed using simple hand tools. Benefits include: • ABCIRP connectors qualified to NF F 61 030 norm. • Approved for use on railway equipment by SNCF, RATP, Alstom Transport, Bombardier and LUL. • Compatible with existing MS 5015 reverse bayonnet types. • Low fire hazard / low halogen insulator material tested to French NF F 16-101 norm and BS 6853. • Cadmium free surface plating. Black Zinc Cobalt, RoHS Compliant. • Removable insulator. • Positive location of insulator shell. • Pin insulators feature with or without bonded resilient rubber face seal. • Rear individual wire seal grommet with webbed holes. • Mated connector assemblies sealed to IP67. • Part populated insulators achieve sealing without the fitting of grommet fillers. • Contacts retained by high performance metal spring clip. • Comprehensive range of screened / unscreened, sealed / unsealed backshells & accessories. • 3D Models available to download from our website. Conforms to EN45545 HL3 R22/R23 & meets the specifications of the Fire Barrier Testing: EN1363. BS476 Modular Bayonet Lock Connector |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |