Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SN74LVC1G10DBVR Datasheet(PDF) 1 Page - Texas Instruments

Part # SN74LVC1G10DBVR
Description  Single 3-Input Positive-NAND Gate
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74LVC1G10DBVR Datasheet(HTML) 1 Page - Texas Instruments

  SN74LVC1G10DBVR Datasheet HTML 1Page - Texas Instruments SN74LVC1G10DBVR Datasheet HTML 2Page - Texas Instruments SN74LVC1G10DBVR Datasheet HTML 3Page - Texas Instruments SN74LVC1G10DBVR Datasheet HTML 4Page - Texas Instruments SN74LVC1G10DBVR Datasheet HTML 5Page - Texas Instruments SN74LVC1G10DBVR Datasheet HTML 6Page - Texas Instruments SN74LVC1G10DBVR Datasheet HTML 7Page - Texas Instruments SN74LVC1G10DBVR Datasheet HTML 8Page - Texas Instruments SN74LVC1G10DBVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
See mechanical drawings for dimensions.
DBV PACKAGE
(TOP VIEW)
2
GND
V
CC
5
3
4
B
Y
6
1
A
C
DCK PACKAGE
(TOP VIEW)
3
4
B
2
GND
Y
5
1
A
V
CC
6
C
DRY PACKAGE
(TOP VIEW)
GND
V
CC
A
6
5
4
2
3
B
Y
C
1
YZP PACKAGE
(BOTTOM VIEW)
GND
V
CC
A
B
2
1
3
Y
5
4
6
C
A
B
DSF PACKAGE
(TOP VIEW)
GND
C
Y
V
CC
6
5
4
2
3
1
SN74LVC1G10
www.ti.com
SCES486E – SEPTEMBER 2003 – REVISED DECEMBER 2013
Single 3-Input Positive-NAND Gate
Check for Samples: SN74LVC1G10
1
FEATURES
DESCRIPTION
The SN74LVC1G10 performs the Boolean function Y
2
•
Available in the Texas Instruments NanoFree™
= A • B • C or Y = A + B + C in positive logic.
Package
NanoFree™
package
technology
is
a
major
•
Supports 5-V VCC Operation
breakthrough in IC packaging concepts, using the die
•
Inputs Accept Voltages to 5.5 V
as the package.
•
Provides Down Translation to VCC
This device is fully specified for partial-power-down
•
Max tpd of 3.8 ns at 3.3 V
applications using Ioff. The Ioff circuitry disables the
•
Low Power Consumption, 10-
μA Max ICC
outputs,
preventing
damaging
current
backflow
through the device when it is powered down.
•
±24-mA Output Drive at 3.3 V
•
Ioff Supports Live Insertion, Partial-Power-
Down Mode, and Back Drive Protection
•
Latch-Up Performance Exceeds 100 mA per
JESD 78, Class II
•
ESD Protection Exceeds JESD 22
–
2000-V Human-Body Model (A114-A)
–
200-V Machine Model (A115-A)
–
1000-V Charged Device Model (C101)
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
NanoFree is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2003–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - SN74LVC1G10DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G10DBVR TI-SN74LVC1G10DBVR Datasheet
252Kb / 11P
SINGLE 3 INPUT POSITIVE NAND GATE
SN74LVC1G10DBVR TI-SN74LVC1G10DBVR Datasheet
675Kb / 15P
SINGLE 3-INPUT POSITIVE-NAND GATE
SN74LVC1G10DBVR TI1-SN74LVC1G10DBVR Datasheet
1Mb / 25P
Single 3-Input Positive-NAND Gate
logo
TECH PUBLIC Electronics...
SN74LVC1G10DBVR TECHPUBLIC-SN74LVC1G10DBVR Datasheet
2Mb / 5P
SINGLE 3-INPUT POSITIVE-NAND GATE
logo
Texas Instruments
SN74LVC1G10DBVRE4 TI-SN74LVC1G10DBVRE4 Datasheet
675Kb / 15P
SINGLE 3-INPUT POSITIVE-NAND GATE
More results

Similar Description - SN74LVC1G10DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC10A TI-SN74LVC10A Datasheet
345Kb / 12P
TRIPLE 3-INPUT POSITIVE-NAND GATE
SN74LVC1G10 TI-SN74LVC1G10 Datasheet
252Kb / 11P
SINGLE 3 INPUT POSITIVE NAND GATE
SN54LV10A TI-SN54LV10A Datasheet
332Kb / 13P
TRIPLE 3-INPUT POSITIVE-NAND GATE
SN54LV10A TI-SN54LV10A_07 Datasheet
474Kb / 15P
TRIPLE 3-INPUT POSITIVE-NAND GATE
SN74LVC1G10 TI-SN74LVC1G10_10 Datasheet
675Kb / 15P
SINGLE 3-INPUT POSITIVE-NAND GATE
logo
Diodes Incorporated
74LVC1G10 DIODES-74LVC1G10 Datasheet
291Kb / 14P
SINGLE 3 INPUT POSITIVE NAND GATE
DS35121 Rev. 1 - 2
74LVC1G10_1107 DIODES-74LVC1G10_1107 Datasheet
314Kb / 13P
SINGLE 3 INPUT POSITIVE NAND GATE
Rev 3
logo
Texas Instruments
SN74HC10-EP TI1-SN74HC10-EP Datasheet
540Kb / 11P
TRIPLE 3-INPUT POSITIVE-NAND GATE
logo
Unisonic Technologies
U74LVC1G10 UTC-U74LVC1G10 Datasheet
187Kb / 6P
SINGLE 3-INPUT POSITIVE-NAND GATE
logo
Texas Instruments
SN74LVC1G10 TI1-SN74LVC1G10_15 Datasheet
1Mb / 25P
Single 3-Input Positive-NAND Gate
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com