Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM339LVDR.A Datasheet(PDF) 19 Page - Texas Instruments

Part # LM339LVDR.A
Description  TL331LV, TL391LV, LM393LV and LM339LV Low Voltage Rail to Rail Input Comparators
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM339LVDR.A Datasheet(HTML) 19 Page - Texas Instruments

Back Button LM339LVDR.A Datasheet HTML 15Page - Texas Instruments LM339LVDR.A Datasheet HTML 16Page - Texas Instruments LM339LVDR.A Datasheet HTML 17Page - Texas Instruments LM339LVDR.A Datasheet HTML 18Page - Texas Instruments LM339LVDR.A Datasheet HTML 19Page - Texas Instruments LM339LVDR.A Datasheet HTML 20Page - Texas Instruments LM339LVDR.A Datasheet HTML 21Page - Texas Instruments LM339LVDR.A Datasheet HTML 22Page - Texas Instruments LM339LVDR.A Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 71 page
background image
6 Detailed Description
6.1 Overview
The LV Family devices are micro-power comparators with open-drain outputs and improved input offset voltage
that operate down to 1.65 V while only consuming only 25 µA per channel. The LV family are designed for
portable, automotive and industrial applications. An internal power-on reset circuit makes sure that the output
remains in a known state during power-up and power-down while fail-safe inputs can tolerate input transients
without damage or false outputs.
6.2 Functional Block Diagram
OUT
+
-
IN+
IN-
Bias
Power-On-Reset
(POR)
V+
GND
SNAPBACK
ESD
CLAMPS
GND
GND
GND
Output
Control
GND
V+
6.3 Feature Description
The LV family devices are micro-power comparators that have low input offset voltages and are capable of
operating at low voltages. The LV family feature a rail-to-rail input stage capable of operating up to 100 mV
beyond the power supply rails. The comparators also feature an open-drain output stage options with Power On
Reset for known start-up conditions.
6.4 Device Functional Modes
6.4.1 Open Drain Output
The LV family features an open-drain (also commonly called open collector) sinking-only output stage enabling
the output logic levels to be pulled up to an external voltage from 0 V up to 5.5 V, independent of the comparator
supply voltage (V+). The open-drain output also allows logical OR'ing of multiple open drain outputs and logic
level translation. TI recommends setting the pull-up resistor current to between 100uA and 1mA. Lower pull-up
resistor values will help increase the rising edge risetime, but at the expense of increasing VOL and higher power
dissipation. The risetime will be dependant on the time constant of the total pull-up resistance and total load
capacitance. Large value pull-up resistors (>1 MΩ) will create an exponential rising edge due to the RC time
constant and increase the risetime.
Unused open drain outputs should be left floating, or can be tied to the GND pin if floating pins are not allowed.
While an individual output can typically sink up to 100 mA, the total combined current for all channels must be
less than 200 mA.
www.ti.com
TL331LV, TL391LV, LM393LV, LM339LV
SNOSDA4D – JUNE 2020 – REVISED NOVEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
19
Product Folder Links: TL331LV TL391LV LM393LV LM339LV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com