Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ICS844246BGLFT Datasheet(PDF) 15 Page - Integrated Device Technology

Part # ICS844246BGLFT
Description  FEMTOCLOCKS??CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER W/INTEGRATED FANOUT BUFFER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS844246BGLFT Datasheet(HTML) 15 Page - Integrated Device Technology

Back Button ICS844246BGLFT Datasheet HTML 8Page - Integrated Device Technology ICS844246BGLFT Datasheet HTML 9Page - Integrated Device Technology ICS844246BGLFT Datasheet HTML 10Page - Integrated Device Technology ICS844246BGLFT Datasheet HTML 11Page - Integrated Device Technology ICS844246BGLFT Datasheet HTML 12Page - Integrated Device Technology ICS844246BGLFT Datasheet HTML 13Page - Integrated Device Technology ICS844246BGLFT Datasheet HTML 14Page - Integrated Device Technology ICS844246BGLFT Datasheet HTML 15Page - Integrated Device Technology ICS844246BGLFT Datasheet HTML 16Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
IDT™ / ICS™ LVDS FREQUENCY SYNTHESIZER W/FANOUT BUFFER
15
ICS844246BG REV.C NOVEMBER 14, 2007
ICS844246
FEMTOCLOCKS™ CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER W/INTEGRATED FANOUT BUFFER
PRELIMINARY
While the information presented herein has been checked for both accuracy and reliability, Integrated Device Technology, Incorporated (IDT) assumes no responsibility for either its use or for
infringement of any patents or other rights of third parties, which would result from its use. No other circuits, patents, or licenses are implied. This product is intended for use in normal commercial
applications. Any other applications such as those requiring extended temperature ranges, high reliability or other extraordinary environmental requirements are not recommended without additional
processing by IDT. IDT reserves the right to change any circuitry or specifications without notice. IDT does not authorize or warrant any IDT product for use in life support devices or critical medical
instruments.
TABLE 10. ORDERING INFORMATION
r
e
b
m
u
N
r
e
d
r
O
/
t
r
a
Pg
n
i
k
r
a
Me
g
a
k
c
a
Pg
n
i
g
a
k
c
a
P
g
n
i
p
p
i
h
Se
r
u
t
a
r
e
p
m
e
T
G
B
6
4
2
4
4
8
S
C
IG
B
6
4
2
4
4
8
S
C
Id
a
P
-
E
,
P
O
S
S
T
d
a
e
L
4
2e
b
u
tC
°
0
7
o
t
C
°
0
T
G
B
6
4
2
4
4
8
S
C
IG
B
6
4
2
4
4
8
S
C
Id
a
P
-
E
,
P
O
S
S
T
d
a
e
L
4
2l
e
e
r
&
e
p
a
t
0
0
5
2C
°
0
7
o
t
C
°
0
F
L
G
B
6
4
2
4
4
8
S
C
IF
L
G
B
6
4
2
4
4
8
S
C
Id
a
P
-
E
,
P
O
S
S
T
"
e
e
r
F
-
d
a
e
L
"
d
a
e
L
4
2e
b
u
tC
°
0
7
o
t
C
°
0
T
F
L
G
B
6
4
2
4
4
8
S
C
IF
L
G
B
6
4
2
4
4
8
S
C
Id
a
P
-
E
,
P
O
S
S
T
"
e
e
r
F
-
d
a
e
L
"
d
a
e
L
4
2l
e
e
r
&
e
p
a
t
0
0
5
2C
°
0
7
o
t
C
°
0
.
t
n
a
il
p
m
o
c
S
H
o
R
e
r
a
d
n
a
n
o
i
t
a
r
u
g
i
f
n
o
c
e
e
r
F
-
b
P
e
h
t
e
r
a
r
e
b
m
u
n
t
r
a
p
e
h
t
o
t
x
i
f
f
u
s
"
F
L
"
n
a
h
t
i
w
d
e
r
e
d
r
o
e
r
a
t
a
h
t
s
t
r
a
P
:
E
T
O
N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com