Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ICS853017 Datasheet(PDF) 1 Page - Integrated Device Technology

Part # ICS853017
Description  QUAD, 1-TO-1, DIFFERENTIAL-TO-2.5V, 3.3V, 5V LVPECL RECEIVER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS853017 Datasheet(HTML) 1 Page - Integrated Device Technology

  ICS853017 Datasheet HTML 1Page - Integrated Device Technology ICS853017 Datasheet HTML 2Page - Integrated Device Technology ICS853017 Datasheet HTML 3Page - Integrated Device Technology ICS853017 Datasheet HTML 4Page - Integrated Device Technology ICS853017 Datasheet HTML 5Page - Integrated Device Technology ICS853017 Datasheet HTML 6Page - Integrated Device Technology ICS853017 Datasheet HTML 7Page - Integrated Device Technology ICS853017 Datasheet HTML 8Page - Integrated Device Technology ICS853017 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
QUAD, 1-TO-1, DIFFERENTIAL-TO-2.5V,
3.3V, 5V LVPECL RECEIVER
ICS853017
IDT™ / ICS™ 2.5V, 3.3V, 5V LVPECL/ECL RECEIVER
1
ICS853017AM REV. B OCTOBER 24, 2007
PRELIMINARY
GENERAL DESCRIPTION
The ICS853017 is a quad 1-to-1, 2.5V/3.3V/5V dif-
ferential LVPECL/ECL receiver and a member of the
HiperclocksTM family of High Performance Clock So-
lutions from IDT.The ICS853017 operates with a posi-
tive or negative power supply at 2.5V, 3.3V or 5V,
and can accept both single-ended and differential inputs. For single-
ended operation, an internally generated voltage, which is avail-
able on output pin V
BB, can be used as a switching bias voltage on
the unused input of the differential pair. V
BB can also be used to
rebias AC coupled inputs.
FEATURES
• Four differential LVPECL / ECL 1:1 receivers
• Four differential LVPECL clock input pairs
• PCLKx, nPCLKx pairs can accept the following
differential input levels: LVPECL, LVDS, CML, SSTL
• Output frequency: >2GHz (typical)
• Translates any single ended input signal to
LVPECL levels with resistor bias on nPCLKx input
• Output skew: TBD
• Part-to-part skew: TBD
• Propagation delay: 320ps (typical)
• LVPECL mode operating voltage supply range:
V
CC = 2.375V to 5.25V
• ECL mode operating voltage supply range:
V
CC = 0V,
V
EE = -5.25V to -2.375V
• -40°C to 85°C ambient operating temperature
• Available in both standard (RoHS 5) and lead-free (RoHS 6)
packages
HiPerClockS™
ICS
The Preliminary Information presented herein represents a product in pre-production.The noted characteristics are based on initial product characterization
and/or qualification. Integrated Device Technology, Incorporated (IDT) reserves the right to change any circuitry or specifications without notice.
BLOCK DIAGRAM
PIN ASSIGNMENT
ICS853017
20-Lead, 300-MIL SOIC
7.5mm x 12.8mm x 2.3mm body package
M Package
Top View
VCC
D0
nD0
D1
nD1
D2
nD2
D3
nD3
VBB
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
VCC
Q0
nQ0
Q1
nQ1
Q2
nQ2
Q3
nQ3
VEE
Q0
nQ0
D0
nD0
Q1
nQ1
D1
nD1
Q2
nQ2
D2
nD2
Q3
nQ3
D3
nD3
V
BB


Similar Part No. - ICS853017

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS853017 ICST-ICS853017 Datasheet
180Kb / 12P
QUAD, 1-TO-1 DIFFERENTIAL-TO-2.5V/3.3V/5V LVPECL/ECL RECEIVER
ICS853017AM ICST-ICS853017AM Datasheet
180Kb / 12P
QUAD, 1-TO-1 DIFFERENTIAL-TO-2.5V/3.3V/5V LVPECL/ECL RECEIVER
ICS853017AMT ICST-ICS853017AMT Datasheet
180Kb / 12P
QUAD, 1-TO-1 DIFFERENTIAL-TO-2.5V/3.3V/5V LVPECL/ECL RECEIVER
More results

Similar Description - ICS853017

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS85314-01 ICST-ICS85314-01 Datasheet
112Kb / 15P
LOW SKEW, 1-TO-5 DIFFERENTIAL-TO-2.5V/3.3V LVPECL FANOUT BUFFER
REV. B JUNE 21, 2002
ICS85314I-01 ICST-ICS85314I-01 Datasheet
252Kb / 19P
LOW SKEW, 1-TO-5 DIFFERENTIAL-TO-2.5V/3.3V LVPECL FANOUT BUFFER
REV. E SEPTEMBER 23, 2005
ICS85314I-11 ICST-ICS85314I-11 Datasheet
250Kb / 18P
LOW SKEW, 1-TO-5 DIFFERENTIAL-TO-2.5V/3.3V LVPECL FANOUT BUFFER
REV. C MAY 24, 2005
ICS853001 ICST-ICS853001 Datasheet
253Kb / 16P
1:1, DIFFERENTIAL LVPECL-TO-2.5V, 3.3V, 5V LVPECL/ECL BUFFER
ICS853013 ICST-ICS853013 Datasheet
218Kb / 17P
LOW SKEW, DUAL, 1-TO-3, DIFFERENTIAL-TO-2.5V/3.3V/5V LVPECL/ECL FANOUT BUFFER
ICS853017 ICST-ICS853017 Datasheet
180Kb / 12P
QUAD, 1-TO-1 DIFFERENTIAL-TO-2.5V/3.3V/5V LVPECL/ECL RECEIVER
logo
Integrated Device Techn...
ICS853S004I IDT-ICS853S004I Datasheet
278Kb / 20P
Low Skew, 1-to-4, Differential-to-2.5V, 3.3V LVPECL Fanout Buffer
logo
Renesas Technology Corp
853S111B RENESAS-853S111B Datasheet
896Kb / 27P
Low Skew, 1-to-10, Differential-to-2.5V, 3.3V LVPECL/ECL
November 9, 2017
ICS853S024 RENESAS-ICS853S024 Datasheet
1,006Kb / 20P
Low Skew, 1-to-24, Differential-to-3.3V, 2.5V LVPECL Fanout Buffer
JULY 20, 2011
ICS853S012I RENESAS-ICS853S012I Datasheet
1Mb / 21P
12:1, Differential-to-3.3V, 2.5V LVPECL Clock/Data Multiplexer
August 23, 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com