Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ICS8741004 Datasheet(PDF) 3 Page - Integrated Device Technology

Part # ICS8741004
Description  DIFFERENTIAL-TO-LVDS/0.7V DIFFERENTIAL PCI EXPRESS??JITTER ATTENUATOR
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS8741004 Datasheet(HTML) 3 Page - Integrated Device Technology

  ICS8741004 Datasheet HTML 1Page - Integrated Device Technology ICS8741004 Datasheet HTML 2Page - Integrated Device Technology ICS8741004 Datasheet HTML 3Page - Integrated Device Technology ICS8741004 Datasheet HTML 4Page - Integrated Device Technology ICS8741004 Datasheet HTML 5Page - Integrated Device Technology ICS8741004 Datasheet HTML 6Page - Integrated Device Technology ICS8741004 Datasheet HTML 7Page - Integrated Device Technology ICS8741004 Datasheet HTML 8Page - Integrated Device Technology ICS8741004 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
ICS8741004
DIFFERENTIAL-TO-LVDS/0.7V DIFFERENTIAL PCI EXPRESS™ JITTER ATTENUATOR
IDT™ / ICS™ PCI EXPRESS™ JITTER ATTENUATOR
3
ICS8741004AG REV. ANOVEMBER 1, 2007
Table 1. Pin Descriptions
NOTE: Pullup and Pulldown refer to internal input resistors. See Table 2, Pin Characteristics, for typical values.
Table 2. Pin Characteristics
Number
Name
Type
Description
1, 24
QA1, QA1
Output
Differential output pair. LVDS interface levels.
3, 22
VDDO
Power
Output supply pins.
4, 5
QA0, QA0
Output
Differential output pair. LVDS interface levels.
6
MR
Input
Pulldown
Active High Master Reset. When logic HIGH, the internal dividers are reset
causing the true outputs Q[Ax:Bx] to go LOW and the inverted outputs
Q[Ax:Bx] to go HIGH. When logic LOW, the internal dividers and the outputs
are enabled. LVCMOS/LVTTL interface levels.
7
BW_SEL
Input
Pullup/
Pulldown
PLL Bandwidth input. LVCMOS/LVTTL interface levels. See Table 3B.
8
nc
Unused
No connect.
9VDDA
Power
Analog supply pin.
10
F_SELA
Input
Pulldown
Frequency select pins for QAx/QAx outputs.
LVCMOS/LVTTL interface levels. See Table 3C.
11
VDD
Power
Core supply pin.
12
OEA
Input
Pullup
Output enable for QAx pins. When HIGH, QAx/QAx outputs are enabled.
When LOW, the QAx/QAx outputs are in a high impedance state.
LVCMOS/LVTTL interface levels. See Table 3A.
13
CLK
Input
Pulldown
Non-inverting differential clock input.
14
CLK
Input
Pullup
Inverting differential clock input.
15, 16
GND
Power
Power supply ground.
17
OEB
Input
Pullup
Output enable for QBx pins. When HIGH, QBx/QBx outputs are enabled.
When LOW, the QBx/QBx outputs are in a high impedance state.
LVCMOS/LVTTL interface levels. See Table 3A.
18
F_SELB
Input
Pulldown
Frequency select pins for QBx/QBx outputs.
LVCMOS/LVTTL interface levels. See Table 3C.
19
IREF
Input
A fixed precision resistor (RREF = 475
Ω) from this pin to ground provides a
reference current used for differential current-mode QB0/nQB0 clock outputs.
20, 21
QB0, QB0
Output
Differential output pair. HCSL interface levels.
23, 24
QB1, QB1
Output
Differential output pair. HCSL interface levels.
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
CIN
Input Capacitance
4
pF
RPULLUP
Input Pullup Resistor
51
k
Ω
RPULLDOWN Input Pulldown Resistor
51
k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com