Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F2X Datasheet(PDF) 2 Page - Microchip Technology

Part # PIC18F2X
Description  PIC18F2X/4XQ10 Product Brief
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F2X Datasheet(HTML) 2 Page - Microchip Technology

  PIC18F2X_V02 Datasheet HTML 1Page - Microchip Technology PIC18F2X_V02 Datasheet HTML 2Page - Microchip Technology PIC18F2X_V02 Datasheet HTML 3Page - Microchip Technology PIC18F2X_V02 Datasheet HTML 4Page - Microchip Technology PIC18F2X_V02 Datasheet HTML 5Page - Microchip Technology PIC18F2X_V02 Datasheet HTML 6Page - Microchip Technology PIC18F2X_V02 Datasheet HTML 7Page - Microchip Technology PIC18F2X_V02 Datasheet HTML 8Page - Microchip Technology PIC18F2X_V02 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Operating Characteristics
•
Operating Voltage Range:
–
1.8V to 5.5V
•
Temperature Range:
–
Industrial: -40°C to 85°C
–
Extended: -40°C to 125°C
Power-Saving Operation Modes
•
Doze: CPU and Peripherals Running at Different Cycle Rates (typically CPU is lower)
•
Idle: CPU Halted While Peripherals Operate
•
Sleep: Lowest Power Consumption
•
Peripheral Module Disable (PMD):
–
Ability to selectively disable hardware module to minimize active power consumption of unused
peripherals
Digital Peripherals
•
Configurable Logic Cell (CLC):
–
Integrated combinational and sequential logic
•
Complementary Waveform Generator (CWG):
–
Rising and falling edge dead-band control
–
Full-bridge, half-bridge, 1-channel drive
–
Multiple signal sources
•
Capture/Compare/PWM (CCP) modules:
–
Two CCPs
–
16-bit resolution for Capture/Compare modes
–
10-bit resolution for PWM mode
•
10-Bit Pulse-Width Modulators (PWM):
–
Two 10-bit PWMs
•
Serial Communications:
–
Up to Two Enhanced USART (EUSART) with Auto-Baud Detect, Auto-wake-up on Start.
RS-232, RS-485, LIN compatible
–
SPI
–
I2C, SMBus and PMBus™ compatible
•
Up to 35 I/O Pins and One Input Pin:
–
Individually programmable pull-ups
–
Slew rate control
–
Interrupt-on-change on most pins
–
Input level selection control
•
Programmable CRC with Memory Scan:
–
Reliable data/program memory monitoring for Fail-Safe operation (e.g., Class B)
–
Calculate CRC over any portion of Flash or EEPROM
–
High-speed or background operation
PIC18F2X/4XQ10
© 2017 Microchip Technology Inc.
Product Brief
DS40001920A-page 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com