Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GS120T48-3.3E Datasheet(PDF) 5 Page - STMicroelectronics

Part # GS120T48-3.3E
Description  120W/175W DC-DC CONVERTERS FAMILY
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

GS120T48-3.3E Datasheet(HTML) 5 Page - STMicroelectronics

  GS120T48-3.3E Datasheet HTML 1Page - STMicroelectronics GS120T48-3.3E Datasheet HTML 2Page - STMicroelectronics GS120T48-3.3E Datasheet HTML 3Page - STMicroelectronics GS120T48-3.3E Datasheet HTML 4Page - STMicroelectronics GS120T48-3.3E Datasheet HTML 5Page - STMicroelectronics GS120T48-3.3E Datasheet HTML 6Page - STMicroelectronics GS120T48-3.3E Datasheet HTML 7Page - STMicroelectronics GS120T48-3.3E Datasheet HTML 8Page - STMicroelectronics GS120T48-3.3E Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5/10
GS175T48-15 ELECTRICAL CHARACTERISTICS (Tamb =25
°C unless otherwise specified)
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
Vi
Input Voltage
Vo = 15V
Io = 0 to 12A
(Operating Conditions)
38
48
60
VDC
Viuv
Input Undervoltage Lockout
Vo = 15V
Io = 0 to 12A
32
34
36
VDC
li
Average Input Current
Vi = 0 to 60V
Io = 12A
5.5
A
lipk
Inrush Transient Peak Current
Vi = 60V
Io = 12A
0.2
A
2s
lir
Reflected Input Current
Vi = 38 to 60V Io = 12A
20
mApp
Vien
Enable Input Voltage
Vi = 38 to 60V Io = 0 to 12A
0
1.2
V
lien
Enable Input Current
Vi = 38 to 60V Io = 0 to 12A
Vien =0V
-1
mA
Viinh
Inhibit Voltage
Vi = 38 to 60V Io = 0 to 12A
Vien = open
818
V
Pi
Input Power
Vi = 38 to 60V Io = 0A (No Load)
1.5
2
W
Vo
Total Output Voltage Regulation
Vi = 38 to 60V Io = 0 to 12A
14.25
15.0
15.75
V
Vost
Short-term Output
Voltage Regulation
Vi = 38 to 60V Io = 0 to 12A
14.7
15.0
15.3
V
Vots
Total Static Tolerance
Vi = 38 to 60V Io = 0 to 12A
14.55
15.0
15.45
V
Vol
Output Overvoltage
Limit Initiation
Vi = 38 to 60V Io = 0 to 12A
16.5
17
18
VDC
Vor
Output Ripple Voltage
Vi = 38 to 60V Io = 12A
45
90
mVpp
Von
Output Noise Voltage
Vi = 38 to 60V Io = 12A
75
150
mVpp
∆Vo
Total Remote Sense
Compensation
Vi = 38 to 60V
0.6
V
δVo
Peak Load Transient Response
Vi = 48V
δIo =3A
slope = 0.2A/
µs
200
mVp
Io
Output Current
Vi = 38 to 60V Vo = 15V
012
A
Iol
Overcurrent Limit Initiation
Vi = 48V
13
16
A
Iosc
Shortcircuit Output Current
Vi = 48V
Vo = 0.2 to 0.5V
21
A
ts
Load Transient Settling Time
Vi = 48V
δIo =3A
slope = 0.2A/
µs
300
µs
ton
Turn-on Time
Vi = 48V
Io = 12A
Vien = from high to low
5ms
Vi = 0 to 60V
Io = 12A
Vien = low
310
Vis
Isolation Voltage
500
V
fs
Switching Frequency
Vi = 38 to 60V Io = 0 to 12A
160
175
200
kHz
η
Efficiency
Vi = 38 to 60V Io = 12A
86
88
%
Rth
Thermal Resistance
Case to Ambient
5.2
°C/W
Tcop
Operating Case
Temperature Range
– 10
+85
°C
Tstg
Storage Temperature Range
– 40
+105
°C
GS120/175T48 FAMILY



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com