Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UCD3138RGCT Datasheet(PDF) 58 Page - Texas Instruments

Part # UCD3138RGCT
Description  UCD3138 Highly Integrated Digital Controller for Isolated Power
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

UCD3138RGCT Datasheet(HTML) 58 Page - Texas Instruments

Back Button UCD3138RGCT Datasheet HTML 54Page - Texas Instruments UCD3138RGCT Datasheet HTML 55Page - Texas Instruments UCD3138RGCT Datasheet HTML 56Page - Texas Instruments UCD3138RGCT Datasheet HTML 57Page - Texas Instruments UCD3138RGCT Datasheet HTML 58Page - Texas Instruments UCD3138RGCT Datasheet HTML 59Page - Texas Instruments UCD3138RGCT Datasheet HTML 60Page - Texas Instruments UCD3138RGCT Datasheet HTML 61Page - Texas Instruments UCD3138RGCT Datasheet HTML 62Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 99 page
background image
10.2.1 Design Requirements
Table 10-2. Input Characteristics
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
ALL SPECIFICATIONS at Vin=400V and 25°C AMBIENT UNLESS OTHERWISE NOTED.
Vin
Input voltage range
Normal Operating
350
385
420
V
Vinmax
Max input voltage
Continuous
420
V
Iin
Input current
Vin=350V, Full Load
1.15
A
Istby
Input no load current
Output current is 0A
30
mA
Von
Under voltage lockout
Vin Decreasing (input voltage is detected on secondary side)
340
V
Vhys
Vin Increasing
360
V
Table 10-3. Output Characteristics
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
ALL SPECIFICATIONS at Vin=400V and 25°C AMBIENT UNLESS OTHERWISE NOTED.
VO
Output voltage setpoint
No load on outputs
12
V
Regline
Line regulation
All outputs; 360 ≤ Vin ≤ 420; IO = IOmax
0.5
%
Regload
Load regulation
All outputs; 0 ≤ IO ≤ IOmax; Vin = 400 V
1
%
Vn
Ripple and noise(1)
5Hz to 20 MHz
100
mVpp
IO
Output current
0
30
A
η
Efficiency at phase-shift mode
Vo = 12 V, Io = 15 A
93%
η
Efficiency at PWM ZVS mode
Vo = 12 V, Io = 15 A
93%
η
Efficiency at hard switching mode
Vo = 12 V, Io = 15 A
90%
Vadj
Output adjust range
11.4
12.6
V
Vtr
Transient response overshoot/
undershoot
50% Load Step at 1AµS, min load at 2A
±0.36
V
tsettling
Transient response settling time
100
µS
tstart
Output rise time
10% to 90% of Vout
50
mS
Overshoot
At Startup
2
%
fs
Switching frequency
Over Vin and IO ranges
150
kHz
Ishare
Current sharing accuracy
50% - full load
±5
%
φ
Loop phase margin
10% - Full load
45
degree
G
Loop gain margin
10% - Full load
10
dB
(1)
Ripple and noise are measured with 10µF Tantalum capacitor and 0.1µF ceramic capacitor across output.
10.2.2 Detailed Design Procedure
10.2.2.1 PCMC (Peak Current Mode Control) PSFB (Phase Shifted Full Bridge) Hardware Configuration
Overview
The hardware configuration of the UCD3138x PCMC PSFB converter contains two critical elements that are
highlighted in the subsequent sections.
• DPWM initialization - This section will highlight the key register settings and considerations necessary for
the UCD3138x to generate the correct MOSFET waveforms for this topology. This maintains the proper
phase relationship between the MOSFETs and synchronous rectifiers as well as the proper set up required to
function correctly with PCMC.
• PCMC initialization - This section will discuss the register settings and hardware considerations necessary to
modulate the DPWM pins with PCMC and internal slope compensation.
UCD3138
SLUSAP2J – MARCH 2012 – REVISED NOVEMBER 2021
www.ti.com
58
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: UCD3138



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com