Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UCD3138RGCT.A Datasheet(PDF) 49 Page - Texas Instruments

Part # UCD3138RGCT.A
Description  UCD3138 Highly Integrated Digital Controller for Isolated Power
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

UCD3138RGCT.A Datasheet(HTML) 49 Page - Texas Instruments

Back Button UCD3138RGCT.A Datasheet HTML 45Page - Texas Instruments UCD3138RGCT.A Datasheet HTML 46Page - Texas Instruments UCD3138RGCT.A Datasheet HTML 47Page - Texas Instruments UCD3138RGCT.A Datasheet HTML 48Page - Texas Instruments UCD3138RGCT.A Datasheet HTML 49Page - Texas Instruments UCD3138RGCT.A Datasheet HTML 50Page - Texas Instruments UCD3138RGCT.A Datasheet HTML 51Page - Texas Instruments UCD3138RGCT.A Datasheet HTML 52Page - Texas Instruments UCD3138RGCT.A Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 99 page
background image
9.6 Device Functional Modes
The DPWM is a complex logic system which is highly configurable to support several different power supply
topologies. The discussion below will focus primarily on waveforms, timing and register settings, rather than on
logic design.
The DPWM is centered on a period counter, which counts up from 0 to PRD, and then is reset and starts over
again.
The DPWM logic causes transitions in many digital signals when the period counter hits the target value for that
signal.
9.6.1 Normal Mode
In Normal mode, the Filter output determines the pulse width on DPWM A. DPWM B fits into the rest of the
switching period, with a dead time separating it from the DPWM A on-time. It is useful for buck topologies,
among others. Here is a drawing of the Normal Mode waveforms:
www.ti.com
UCD3138
SLUSAP2J – MARCH 2012 – REVISED NOVEMBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
49
Product Folder Links: UCD3138



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com