Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UCD3138RHAR Datasheet(PDF) 66 Page - Texas Instruments

Part # UCD3138RHAR
Description  UCD3138 Highly Integrated Digital Controller for Isolated Power
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

UCD3138RHAR Datasheet(HTML) 66 Page - Texas Instruments

Back Button UCD3138RHAR Datasheet HTML 62Page - Texas Instruments UCD3138RHAR Datasheet HTML 63Page - Texas Instruments UCD3138RHAR Datasheet HTML 64Page - Texas Instruments UCD3138RHAR Datasheet HTML 65Page - Texas Instruments UCD3138RHAR Datasheet HTML 66Page - Texas Instruments UCD3138RHAR Datasheet HTML 67Page - Texas Instruments UCD3138RHAR Datasheet HTML 68Page - Texas Instruments UCD3138RHAR Datasheet HTML 69Page - Texas Instruments UCD3138RHAR Datasheet HTML 70Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 99 page
background image
In addition, it is necessary to set the D2S_COMP_EN bit in the EADCCTRL register. This is for enabling the
differential to single ended comparator function. The front end diagram leaves it out for simplicity, but the
connection between the DAC and the EADC amplifier is actually differential. The PCMC comparator, however, is
single ended. So a conversion is necessary as shown in Figure 10-9.
EAP0
EAN0
DAC0
EADC
4 bit dithering gives 14 bits of effective resolution
97.65625μV/ LSB effective resolution
X
6 bit ADC
8mV/LSB
Signed 9 bit result
(error) 1 mV /LSB
AFE_GAIN
10 bit DAC
1. 5625mV/ LSB
Value
Dither
Σ
CPCC
Filter x
Ramp
SAR/ Prebias
Absolute Value
Calculation
Averaging
10 bit result
1.5625mV/LSB
2
3-AFE_GAIN
Peak Current Mode
Comparator
Peak Current
Detected
Differential to
Single Ended
2
AFE_GAIN
Figure 10-9. Differential to Single-Ended Comparator Function
The EADC_MODE bit in EADCCTRL should be set to a 5 for peak current mode.
The peak current detection signal next goes to the Loop Mux. The Fault Mux has only 1 APCM input, but there
are 3 front ends. So the PCM_FE_SEL bits in APCMCTRL must be used to select which front end is used:
LoopMuxRegs.APCMCTRL.bit.PCM_FE_SEL = 2; // use FE2 for PCM */
The PCM_EN bit must also be set.
LoopMuxRegs.APCMCTRL.bit.PCM_EN = 1; // Enable PCM
Next the Fault Mux is used to enable the APCM bit to the CLIM/CBC signal to the DPWM. There are 4
DPWMxCLIM registers, one for each DPWM. The ANALOG_PCM_EN bit must be set in each one to connect
the PCM detection signal to the CLIM/CBC signal on each DPWM. For the latest configuration information on all
of these bits, consult the appropriate EVM firmware. To avoid errors, it is best to configure your hardware design
using the same DPWMs, filters, and front ends for the same functions as the EVM.
DPWM timing is used to trigger the start of the ramp. This is selected by the FECTRLxMUX registers in the
Loop Mux. DPWMx_FRAME_SYNC_EN bits, when set, cause the ramp to be triggered at the start of the DPWM
period.
10.2.2.6.3 Peak Current Mode (PCM)
There is one peak current mode control module in the device however any front end can be configured to use
this module.
UCD3138
SLUSAP2J – MARCH 2012 – REVISED NOVEMBER 2021
www.ti.com
66
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: UCD3138



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com