Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UCD3138RHAR.B Datasheet(PDF) 69 Page - Texas Instruments

Part # UCD3138RHAR.B
Description  UCD3138 Highly Integrated Digital Controller for Isolated Power
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

UCD3138RHAR.B Datasheet(HTML) 69 Page - Texas Instruments

Back Button UCD3138RHAR.B Datasheet HTML 65Page - Texas Instruments UCD3138RHAR.B Datasheet HTML 66Page - Texas Instruments UCD3138RHAR.B Datasheet HTML 67Page - Texas Instruments UCD3138RHAR.B Datasheet HTML 68Page - Texas Instruments UCD3138RHAR.B Datasheet HTML 69Page - Texas Instruments UCD3138RHAR.B Datasheet HTML 70Page - Texas Instruments UCD3138RHAR.B Datasheet HTML 71Page - Texas Instruments UCD3138RHAR.B Datasheet HTML 72Page - Texas Instruments UCD3138RHAR.B Datasheet HTML 73Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 99 page
background image
Figure 11-1. V33 Voltage Dip When POR is Activated
From the Figure 11-1 recommendations, the slew rate using the 2.2 uF/1uF capacitor combination requires that
the slew rate must be as follows:
(1)
11.4 Recommendation for RC Time Constant of RESET Pin for UCD3138 and UCD3138064
Ideally, the ARM core should begin execution of ROM code only after V33>3V. The ROM code reads trim
values and loads trim registers. Lack of sufficient voltage during this operation can result in unexpected device
functioning. Depending on V33 slew rate, the duration for which there is insufficient voltage on V33 is varied.
During this time, a reliable trim operation is not ensured. Applying an RC filter between V33 and the RESET pin
can increase the delay from V33 power up to the device coming out of reset.
www.ti.com
UCD3138
SLUSAP2J – MARCH 2012 – REVISED NOVEMBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
69
Product Folder Links: UCD3138



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com