Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UCD3138RHAT.A Datasheet(PDF) 24 Page - Texas Instruments

Part # UCD3138RHAT.A
Description  UCD3138 Highly Integrated Digital Controller for Isolated Power
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

UCD3138RHAT.A Datasheet(HTML) 24 Page - Texas Instruments

Back Button UCD3138RHAT.A Datasheet HTML 20Page - Texas Instruments UCD3138RHAT.A Datasheet HTML 21Page - Texas Instruments UCD3138RHAT.A Datasheet HTML 22Page - Texas Instruments UCD3138RHAT.A Datasheet HTML 23Page - Texas Instruments UCD3138RHAT.A Datasheet HTML 24Page - Texas Instruments UCD3138RHAT.A Datasheet HTML 25Page - Texas Instruments UCD3138RHAT.A Datasheet HTML 26Page - Texas Instruments UCD3138RHAT.A Datasheet HTML 27Page - Texas Instruments UCD3138RHAT.A Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 99 page
background image
This is achieved by providing the DPWM mechanism with 16 phase shifted clock signals of 250 MHz each. The
high resolution section of DPWM can be enabled or disabled, also the resolution can be defined in several steps
between 4ns to 250ps. This is done by setting the values of PWM_HR_MULTI_OUT_EN, HIRES_SCALE, and
ALL_PHASE_CLK_ENA inside the DPWM Control register 1. See the Power Peripherals programmer’s manual
for details.
8.8.1.5 Oversampling
The DPWM module has the capability to trigger an oversampling event by initiating the EADC to sample the
error voltage. The default 00 configuration has the DPWM trigger the EADC once based on the sample trigger
register value. The over sampling register has the ability to trigger the sampling 2, 4 or 8 times per PWM period.
Thus the time the over sample happens is at the divide by 2, 4, or 8 time set in the sampling register. The 01
setting triggers 2X oversampling, the 10 setting triggers 4X over sampling, and the 11 triggers oversampling at
8X.
8.8.1.6 DPWM Interrupt Generation
The DPWM has the capability to generate a CPU interrupt based on the PWM frequency programmed in the
period register. The interrupt can be scaled by a divider ratio of up to 255 for developing a slower interrupt
service execution loop. This interrupt can be fed to the ADC circuitry for providing an ADC12 trigger for
sequence synchronization. Table 8-3 outlines the divide ratios that can be programmed.
8.8.1.7 DPWM Interrupt Scaling/Range
Table 8-3. DPWM Interrupt Divide Ratio
Interrupt Divide
Setting
Interrupt Divide
Count
Interrupt Divide
Count (hex)
Switching Period
Frames (Assume 1-MHz
Loop)
Number of 32-MHz
Processor Cycles
1
0
00
1
32
2
1
01
2
64
3
3
03
4
128
4
7
07
8
256
5
15
0F
16
512
6
31
1F
32
1024
7
47
2F
48
1536
8
63
3F
64
2048
9
79
4F
80
2560
10
95
5F
96
3072
11
127
7F
128
4096
12
159
9F
160
5120
13
191
BF
192
6144
14
223
DF
224
7168
15
255
FF
256
8192
UCD3138
SLUSAP2J – MARCH 2012 – REVISED NOVEMBER 2021
www.ti.com
24
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: UCD3138



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com