Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UCD7232RTJTG4 Datasheet(PDF) 11 Page - Texas Instruments

Part # UCD7232RTJTG4
Description  Digital Control Compatible Synchronous-Buck Gate Driver With Current Sense and Fault Protection
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

UCD7232RTJTG4 Datasheet(HTML) 11 Page - Texas Instruments

Back Button UCD7232RTJTG4 Datasheet HTML 7Page - Texas Instruments UCD7232RTJTG4 Datasheet HTML 8Page - Texas Instruments UCD7232RTJTG4 Datasheet HTML 9Page - Texas Instruments UCD7232RTJTG4 Datasheet HTML 10Page - Texas Instruments UCD7232RTJTG4 Datasheet HTML 11Page - Texas Instruments UCD7232RTJTG4 Datasheet HTML 12Page - Texas Instruments UCD7232RTJTG4 Datasheet HTML 13Page - Texas Instruments UCD7232RTJTG4 Datasheet HTML 14Page - Texas Instruments UCD7232RTJTG4 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
DCR
L
R
C
Vout
SW
CSN
CSP
2.49kW
2.49kW
UCD7232
www.ti.com
SLUSAH3
– MAY 2011
LS GATE
The LS Gate signal directly drives the gate of the low-side power FET. It provides high current drive to quickly
charge the gate capacitance of the FET, which is often considerably larger than the high-side FET. When
commanded on, the LS Gate is driven to the VGG pin potential. The current return path for the driver is provided
by the PGND pin. When commanded off, the LS Gate pin is driven to the PGND potential. The traces from the
LS Gate and the PGND pins to the low-side FET gate and source pins should be short and wide to minimize
parasitic inductance and resistance.
CSP, CSN
These pins are the input to the differential current sense amplifier. The Current Sense Positive (CSP) pin
connects to the non-inverting input, the Current Sense Negative (CSN) connects to the inverting input. This
amplifier provides the means to monitor and measure the output current of the power stage. The circuitry can be
used with a discrete, low value, series current sense resistor, or can make use of the popular inductor DCR
sense method.
The DCR method is illustrated in Figure 3. A series resistor and capacitor network is added across the buck
stage power inductor. It can be shown that when the value of L/DCR is equal to RC, then the voltage developed
across the capacitor, C, is a replica of the voltage waveform the ideal current would induce in the dc resistance
(DCR) of the inductor. This method does not detect changes in current due to changes in inductance value
caused by saturation effects. The value used for C should be in the 0.1
µF to 2.2µF range. This keeps the
impedance of the sense network low, which reduces its susceptibility to noise pickup from the switching node.
The trace lengths of the CSP and CSN signals should be kept short and parallel. To aid in rejection of high
frequency common-mode noise, a series 2.49k resistor should be added to both the CSP and CSN signal paths,
with the resistors being placed close to the pins at the package. This small amount of additional resistance
slightly lowers the current sense gain.
Power inductors are selected for the lowest possible DCR to minimize losses. Typical DCR values range from
0.5m
Ω to 5mΩ. With a load current of 20A, the voltage presented across the CSP and CSN pins is only in the
range of 10mV to 100mV. Keep in mind that this small differential signal is riding on a large common mode signal
that is the dc output voltage. This makes the current sense signal challenging to process.
Figure 3. DCR Current Sense
The UCD7232 uses switched capacitor technology to perform the differential to single-ended conversion of the
sensed current signal. This technique offers excellent common mode rejection. The differential CSP-CSN signal
is amplified by a factor of 97.8 and then a fixed 500mV pedestal voltage is added to the result. This signal is
presented to the IMON pin.
When using inductors with DCR values of 2m
Ω or higher, it may be necessary to attenuate the input signal to
prevent saturation of the current sense amplifier. This is easily accomplished through the addition of resistor R2
as shown in Figure 4.
Copyright
© 2011, Texas Instruments Incorporated
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com