| Electronic Components Datasheet Search |
|
UCD3138RMHR.A Datasheet(PDF) 30 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
UCD3138RMHR.A Datasheet(HTML) 30 Page - Texas Instruments |
|
30 / 99 page ![]() Table 9-4. Interrupt Priority Table (continued) NAME MODULE COMPONENT OR REGISTER DESCRIPTION PRIORITY FAULT_INT Fault Mux interrupt Analog comparator interrupts, overvoltage detection, undervoltage detection, LLM load step detection 25 DPWM3 DPWM3 Same as DPWM1 26 DPWM2 DPWM2 Same as DPWM1 27 DPWM1 DPWM1 1) Every (1 to 256) switching cycles 2) Fault detection 3) Mode switching 28 DPWM0 DPWM0 Same as DPWM1 29 EXT_FAULT_INT External Faults Fault pin interrupt 30 SYS_SSI_INT System Software System software interrupt 31 (highest) 9.5 Feature Description 9.5.1 Sync FET Ramp and IDE Calculation The UCD3138 has built in logic for controlling MOSFETs for synchronous rectification (Sync FETs). This comes in two forms: • Sync FET ramp • Ideal Diode Emulation (IDE) calculation When starting up a power supply, sometimes there is already a voltage on the output – this is called prebias. It is very difficult to calculate the ideal Sync FET on-time for this case. If it is not calculated correctly, it may pull down the prebias voltage, causing the power supply to sink current. To avoid this, Sync FETs are not turned on until after the power supply has ramped up to the nominal voltage. The Sync FETs are turned on gradually in order to avoid an output voltage glitch. The Sync FET Ramp logic can be used to turn them on at a rate below the bandwidth of the filter. In discontinuous mode, the ideal on-time for the Sync FETs is a function of Vin, Vout, and the primary side duty cycle (D). The IDE logic in the UCD3138 takes Vin and Vout data from the firmware and combines it with D data from the filter hardware. It uses this information to calculate the ideal on-time for the Sync FETs. 9.5.2 Automatic Mode Switching Automatic Mode switching enables the DPWM module to switch between modes automatically, with no firmware intervention. This is useful to increase efficiency and power range. The following paragraphs describe phase- shifted full bridge and LLC examples: 9.5.2.1 Phase Shifted Full Bridge Example In phase shifted full bridge topologies, efficiency can be increased by using pulse width modulation, rather than phase shift, at light load. This is shown below: UCD3138 SLUSAP2J – MARCH 2012 – REVISED NOVEMBER 2021 www.ti.com 30 Submit Document Feedback Copyright © 2021 Texas Instruments Incorporated Product Folder Links: UCD3138 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |