Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GS1T70-D540 Datasheet(PDF) 4 Page - STMicroelectronics

Part # GS1T70-D540
Description  ISDN DC-DC CONVERTER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

GS1T70-D540 Datasheet(HTML) 4 Page - STMicroelectronics

  GS1T70-D540 Datasheet HTML 1Page - STMicroelectronics GS1T70-D540 Datasheet HTML 2Page - STMicroelectronics GS1T70-D540 Datasheet HTML 3Page - STMicroelectronics GS1T70-D540 Datasheet HTML 4Page - STMicroelectronics GS1T70-D540 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4/5
20 January 1997
VOLTAGE SUPPLY OPERATING AREA
Figure 3 shows the Voltage Supply Operating area
during a switching OFF-ON sequence.The start-up
voltage is 44V maximum.
One second after U-interface disconnection, and if
the input voltage remains below 18V, the maximum
quiescent input current value remains below than
10
µA.
Vin
115 V
28 V
0 V
Input Voltage
Voltage Supply Operating Area
28-44 V
t >1 s
t > 1 ms
t
Input current < 10 µA Area
18 V
Figure 3. Voltage Supply operating area
GS1T70-D540/2
40 V
5 V
+
-
+
-
3
4
1
2
"U"
interf.
"S"
interf.
GS5AC-40
1
2
Mains
input
40 V
+
-
Relay/Led
-
+
So
Uo
NT1 board
Relay
5
6
AC/DC converter
DC/DC converter
Led
3
4
5
6
Figure 4. Typical application example
GS1T70-D540/2



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com