Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STPS30150CT Datasheet(PDF) 10 Page - STMicroelectronics

Part # STPS30150CT
Description  High voltage power Schottky rectifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS30150CT Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STPS30150CT Datasheet HTML 6Page - STMicroelectronics STPS30150CT Datasheet HTML 7Page - STMicroelectronics STPS30150CT Datasheet HTML 8Page - STMicroelectronics STPS30150CT Datasheet HTML 9Page - STMicroelectronics STPS30150CT Datasheet HTML 10Page - STMicroelectronics STPS30150CT Datasheet HTML 11Page - STMicroelectronics STPS30150CT Datasheet HTML 12Page - STMicroelectronics STPS30150CT Datasheet HTML 13Page - STMicroelectronics STPS30150CT Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Package information
STPS30150C
10/16
DocID7757 Rev 9
Table 6: TO-220AB package mechanical data
Ref.
Dimensions
Millimeters
Inches(1)
Min.
Max.
Min.
Max.
A
4.40
4.60
0.1732
0.1811
b
0.61
0.88
0.0240
0.0346
b1
1.14
1.70
0.0449
0.0669
c
0.48
0.70
0.0189
0.0276
D
15.25
15.75
0.6004
0.6201
D1
1.27 typ.
0.0500 typ.
E
10.00
10.40
0.3937
0.4094
e
2.40
2.70
0.0945
0.1063
e1
4.95
5.15
0.1949
0.2028
F
1.23
1.32
0.0484
0.0520
H1
6.20
6.60
0.2441
0.2598
J1
2.40
2.72
0.0945
0.1071
L
13.00
14.00
0.5118
0.5512
L1
3.50
3.93
0.1378
0.1547
L20
16.40 typ.
0.6457 typ.
L30
28.90 typ.
1.1378 typ.
ØP
3.75
3.85
0.1476
0.1516
Q
2.65
2.95
0.1043
0.1161
Notes:
(1)Inch dimensions are for reference only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com