Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GPS-41MLR Datasheet(PDF) 6 Page - rfsolutions.ltd

Part # GPS-41MLR
Description  Fast Acquisition Enhanced Sensitivity 12 Channel GPS Sensor Module
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

GPS-41MLR Datasheet(HTML) 6 Page - rfsolutions.ltd

  GPS-41MLR Datasheet HTML 1Page - rfsolutions.ltd GPS-41MLR Datasheet HTML 2Page - rfsolutions.ltd GPS-41MLR Datasheet HTML 3Page - rfsolutions.ltd GPS-41MLR Datasheet HTML 4Page - rfsolutions.ltd GPS-41MLR Datasheet HTML 5Page - rfsolutions.ltd GPS-41MLR Datasheet HTML 6Page - rfsolutions.ltd GPS-41MLR Datasheet HTML 7Page - rfsolutions.ltd GPS-41MLR Datasheet HTML 8Page - rfsolutions.ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
DS-41ML-1 Feb ’06
©2006 RF Solutions Ltd, www.rfsolutions.co.uk
Page 6
Tel 01273 898000 Fax 01273 480661
GPS Receiver Module
GPS-41MLR
GPS-41MLF
GSV - GPS SATELLITE IN VIEW
Number of satellites in view, PRN number, elevation angle, azimuth angle, and C/No. Only up to four satellite
details are transmitted per message. Additional satellite in view information is sent in subsequent GSV
messages.
Format:
$GPGSV,<1>,<2>,<3>,<4>,<5>,<6>,<7>,…,<4>,<5>,<6>,<7> *<8><CR><LF>
Example:
$GPGSV,2,1,08,26,50,016,40,09,50,173,39,21,43,316,38,17,41,144,42*7C<CR><LF>
$GPGSV,2,2,08,29,38,029,37,10,27,082,32,18,22,309,24,24,09,145,*7B<CR><LF>
Field
Example
Description
1
2
Total number of GSV messages to be transmitted
2
1
Number of current GSV message
3
08
Total number of satellites in view, 00 ~ 12
4
26
Satellite PRN number, GPS: 01 ~ 32, SBAS: 33 ~ 64 (33 = PRN120)
5
50
Satellite elevation number, 00 ~ 90 degrees
6
016
Satellite azimuth angle, 000 ~ 359 degrees
7
40
C/No, 00 ~ 99 dB
Null when not tracking
8
7C
Checksum
RMC - RECOMMANDED MINIMUM SPECIFIC GPS/TRANSIT DATA
Time, date, position, course and speed data.
Format:
$GPRMC,<1>,<2>,<3>,<4>,<5>,<6>,<7>,<8>,<9>,<10>,<11>,<12>*<13><CR><LF>
Example:
$GPRMC,104549.04,A,2447.2038,N,12100.4990,E,016.0,221.0,250304,003.3,W,A*22<CR><LF>
Field
Example
Description
1
104549.04
UTC time in hhmmss.ss format, 000000.00 ~ 235959.99
2
A
Status, ‘V’ = navigation receiver warning, ‘A’ = valid position
3
2447.2038
Latitude in dddmm.mmmm format
Leading zeros transmitted
4
N
Latitude hemisphere indicator, ‘N’ = North, ‘S’ = South
5
12100.4990
Longitude in dddmm.mmmm format
Leading zeros transmitted
6
E
Longitude hemisphere indicator, 'E' = East, 'W' = West
7
016.0
Speed over ground, 000.0 ~ 999.9 knots
8
221.0
Course over ground, 000.0 ~ 359.9 degrees
9
250304
UTC date of position fix, ddmmyy format
10
003.3
Magnetic variation, 000.0 ~ 180.0 degrees
11
W
Magnetic variation direction, ‘E’ = East, ‘W’ = West
12
A
Mode indicator
‘N’ = Data invalid
‘A’ = Autonomous
‘D’ = Differential
‘E’ = Estimated
13
22
Checksum



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com