Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SN74ALVC126DGVR Datasheet(PDF) 2 Page - Texas Instruments

Part # SN74ALVC126DGVR
Description  QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74ALVC126DGVR Datasheet(HTML) 2 Page - Texas Instruments

  SN74ALVC126DGVR Datasheet HTML 1Page - Texas Instruments SN74ALVC126DGVR Datasheet HTML 2Page - Texas Instruments SN74ALVC126DGVR Datasheet HTML 3Page - Texas Instruments SN74ALVC126DGVR Datasheet HTML 4Page - Texas Instruments SN74ALVC126DGVR Datasheet HTML 5Page - Texas Instruments SN74ALVC126DGVR Datasheet HTML 6Page - Texas Instruments SN74ALVC126DGVR Datasheet HTML 7Page - Texas Instruments SN74ALVC126DGVR Datasheet HTML 8Page - Texas Instruments SN74ALVC126DGVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
(1)
RECOMMENDED OPERATING CONDITIONS
(1)
SN74ALVC126
QUADRUPLE BUS BUFFER GATE
WITH 3-STATE OUTPUTS
SCES111J – JULY 1997 – REVISED OCTOBER 2004
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VCC
Supply voltage range
-0.5
4.6
V
VI
Input voltage range(2)
-0.5
4.6
V
VO
Output voltage range(2)(3)
-0.5
VCC + 0.5
V
IIK
Input clamp current
VI < 0
-50
mA
IOK
Output clamp current
VO < 0
-50
mA
IO
Continuous output current
±50
mA
Continuous current through VCC or GND
±100
mA
D package
86
DGV package
127
θ
JA
Package thermal impedance(4)
°C/W
NS package
76
PW package
113
Tstg
Storage temperature range
-65
150
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
The input negative-voltage and output voltage ratings may be exceeded if the input and output current ratings are observed.
(3)
This value is limited to 4.6 V maximum.
(4)
The package thermal impedance is calculated in accordance with JESD 51-7.
MIN
MAX
UNIT
VCC
Supply voltage
1.65
3.6
V
VCC = 1.65 V to 1.95 V
0.65
× V
CC
VIH
High-level input voltage
VCC = 2.3 V to 2.7 V
1.7
V
VCC = 2.7 V to 3.6 V
2
VCC = 1.65 V to 1.95 V
0.35
× V
CC
VIL
Low-level input voltage
VCC = 2.3 V to 2.7 V
0.7
V
VCC = 2.7 V to 3.6 V
0.8
VI
Input voltage
0
3.6
V
VO
Output voltage
0
VCC
V
VCC = 1.65 V
-4
VCC = 2.3 V
-12
IOH
High-level output current
mA
VCC = 2.7 V
-12
VCC = 3 V
-24
VCC = 1.65 V
4
VCC = 2.3 V
12
IOL
Low-level output current
mA
VCC = 2.7 V
12
VCC = 3 V
24
∆t/∆v
Input transition rise or fall rate
5
ns/V
TA
Operating free-air temperature
-40
85
°C
(1)
All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com