Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCF-W2010LF-12-R-A-E-LT Datasheet(PDF) 2 Page - TT Electronics.

Part # PCF-W2010LF-12-R-A-E-LT
Description  Precision Thin Film Nichrome Chip Resistors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

PCF-W2010LF-12-R-A-E-LT Datasheet(HTML) 2 Page - TT Electronics.

  PCF-W2010LF-12-R-A-E-LT Datasheet HTML 1Page - TT Electronics. PCF-W2010LF-12-R-A-E-LT Datasheet HTML 2Page - TT Electronics. PCF-W2010LF-12-R-A-E-LT Datasheet HTML 3Page - TT Electronics. PCF-W2010LF-12-R-A-E-LT Datasheet HTML 4Page - TT Electronics. PCF-W2010LF-12-R-A-E-LT Datasheet HTML 5Page - TT Electronics. PCF-W2010LF-12-R-A-E-LT Datasheet HTML 6Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Precision Thin Film
Nichrome Chip Resistors
PCF Series
Type
TCR
(ppm/ºC)
Power
(W)
Limiting
Element
Voltage (V)
Ohmic Value Range *
1%
0.5%
0.25%
0.1%
0.05%
PCF0402…A
50
0.063
25
49R9 – 100K
49R9 – 10K
25
PCF0603…A
50
0.063
50
10R – 332K
10R – 49K9
25
PCF0805…A
50
0.1
100
10R – 1M0
10R – 100K
25
PCF1206…A
50
0.125
150
10R – 200K
25
PCF1210…A
50
0.25
150
10R – 499K
25
PCF2010…A
50
0.25
150
25
PCF2512…A
50
0.5
150
25
Electrical Data - AEQ-Q200 Grade - Standard Range
* Standard values E24 or E96.
06.18
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronics.com/resistors
BI Technologies IRC Welwyn
Electrical Data – High Power Range
Type
TCR (ppm/°C)
Power (W)
Limiting Element
Voltage (V)
Ohmic Value Range*
0.5%
0.25%
0.1%
0.05%
0.01%
PCF0603H
50
0.1
75
4R7-1M
4R7-332K
24R9-100K
25
15
4R7-332K
10
5
24R9-15K
3
-
24R9-15K
2
PCF0805H
50
0.125
150
1R-1M
4R7-1M
4R7-511K
24R9-200K
25
15
4R7-332K
10
4R7-511K
5
24R9-30K
3
-
24R9-30K
2
PCF1206H
50
0.25
200
4R7-1M
24R9-500K
25
15
10
5
24R9-50K
3
-
24R9-49K9
2
PCF1210H
50
0.33
200
4R7-1M
24R9-500K
25
15
10
5
24R9-50K
3
-
24R9-49K9
2
PCF2010H
50
0.33
200
4R7-1M
24R9-500K
25
15
10
5
24R9-50K
3
-
24R9-49K9
2
PCF2512H
50
0.75
200
1R-2K
4R7-2K
24R9-2K
25
15
10
* Standard values E24 or E96. Other values may be available by request.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com