Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCF-W0201LF-03-R-B-E-LT Datasheet(PDF) 4 Page - TT Electronics.

Part # PCF-W0201LF-03-R-B-E-LT
Description  Precision Thin Film Nichrome Chip Resistors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

PCF-W0201LF-03-R-B-E-LT Datasheet(HTML) 4 Page - TT Electronics.

  PCF-W0201LF-03-R-B-E-LT Datasheet HTML 1Page - TT Electronics. PCF-W0201LF-03-R-B-E-LT Datasheet HTML 2Page - TT Electronics. PCF-W0201LF-03-R-B-E-LT Datasheet HTML 3Page - TT Electronics. PCF-W0201LF-03-R-B-E-LT Datasheet HTML 4Page - TT Electronics. PCF-W0201LF-03-R-B-E-LT Datasheet HTML 5Page - TT Electronics. PCF-W0201LF-03-R-B-E-LT Datasheet HTML 6Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Precision Thin Film
Nichrome Chip Resistors
PCF Series
Precision Surface Mount Resistors
03.11
© Welwyn Components Limited Bedlington Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 Facsimile: +44 (0) 1670 829465 Email: info@welwyn-tt.com Website: www.welwyn-tt.com
PCF Series
>0.05% tolerance
0603 to 2512
0.25%
0.3%
0.5%
0.25%
0.1%
0.2%
Load life
Humidity
Short term overload
High temperature operation
Temperature cycle
Resistance to solder heat
Solderability
Maximum change (+0.05R)
Chip size
0201, 0402
0.5%
0.3%
0.5%
0.25%
0.1%
0.2%
≤0.05% tolerance
0603 to 2512
0.05%
0.05%
0.05%
0.25%
0.05%
0.05%
Conditions
Test Parameters
1000 hours rated load @ 70°C
1000 hours @ 40°C, 90 - 95%RH
6.25 x rated Power , or 2 x LEV, for 5 sec
1000 hours at 125°C
5 cycles -55 C, 125°C
270°C, 10 sec
235°C, 2 sec
95% minimum coverage
0.5%
0.5%
0.5%
0.5%
0.25%
0.2%
95% minimum coverage
Load life
Humidity
Short term overload
High temperature operation
Temperature cycle
Resistance to solder heat
Solderability
Maximum change (+0.05R)
Conditions
Test Parameters
1000 hours rated load @ 70°C
1000hrs @ 40°C, 90 - 95%RH
6.25 x rated Power, or 2 x LEV, for 5 sec
1000 hours at 155°C
5 cycles -55°C, 150°C
270°C, 10 sec
235°C, 2 sec
0603 to 2512
0.05%
0.05%
0.02%
0.05%
0.02%
0.02%
Load life
Humidity
Short term overload
High temperature operation
Temperature cycle
Resistance to solder heat
Solderability
Maximum change (+0.05R)
Conditions
Test Parameters
1000 hours rated load @ 70°C
1000hrs @ 40°C, 90 - 95%RH
6.25 x rated Power, or 2 x LEV, for 5 sec
1000 hours at 125°C
5 cycles -55 C, 125°C
270°C, 10 sec
235°C, 2 sec
95% minimum coverage
0402
0.25%
0.5%
0.1%
0.5%
0.1%
0.1%
Performance Data - Standard Range
Performance Data - High Power Range
Performance Data - Passivated Range
Construction
A thin-film material is selectively deposited on a 96% alumina substrate together with metallic contacts at each end of the resistor.
The unadjusted resistors are heat treated to give the required TCR and stability, then a precisely controlled laser trim process adjusts
the resistance value. Epoxy protection is applied and wrap-around terminations are added and plated with Nickel then Tin. Each
resistor is measured immediately before packing into tape.
Terminations
The standard termination is 100% Sn matte plated wrap-around suitable for soldering. SnPb plated option is available for standard
range PCF over the restricted range below.
Physical Data
Dimensions (mm) and Weight (mg)
L
W
T max
A
C
Wt
0201
0.58 0.05
0.29 0.05
0.26
0.15 0.05
0.12 0.05
0.14
0402
1.0 0.1
0.5 0.05
0.55
0.25 0.15
0.2 0.15
0.54
0603
1.6 0.2
0.8 0.2
0.65
0.35 0.25
0.3 0.2
1.8
0805
2.0 0.2
1.25 0.2
0.65
0.4 0.25
0.3 0.2
4.7
1206
3.05 0.15
1.55 0.15
0.65
0.35 0.25
0.42 0.2
9.0
1210
3.10 0.15
2.5 0.25
0.65
0.55 0.25
0.4 0.3
10
2010
4.9 0.2
2.4 0.25
0.65
0.55 0.3
0.6 0.3
24
2512
6.3 0.2
3.1 0.25
0.65
0.7 0.45
0.6 0.3
38
T
W
A
A
L
Wrap-around terminations
(3 faces)
C
Precision Surface Mount Resistors
03.11
© Welwyn Components Limited Bedlington Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 Facsimile: +44 (0) 1670 829465 Email: info@welwyn-tt.com Website: www.welwyn-tt.com
PCF Series
>0.05% tolerance
0603 to 2512
0.25%
0.3%
0.5%
0.25%
0.1%
0.2%
Load life
Humidity
Short term overload
High temperature operation
Temperature cycle
Resistance to solder heat
Solderability
Maximum change (+0.05R)
Chip size
0201, 0402
0.5%
0.3%
0.5%
0.25%
0.1%
0.2%
≤0.05% tolerance
0603 to 2512
0.05%
0.05%
0.05%
0.25%
0.05%
0.05%
Conditions
Test Parameters
1000 hours rated load @ 70°C
1000 hours @ 40°C, 90 - 95%RH
6.25 x rated Power , or 2 x LEV, for 5 sec
1000 hours at 125°C
5 cycles -55 C, 125°C
270°C, 10 sec
235°C, 2 sec
95% minimum coverage
0.5%
0.5%
0.5%
0.5%
0.25%
0.2%
95% minimum coverage
Load life
Humidity
Short term overload
High temperature operation
Temperature cycle
Resistance to solder heat
Solderability
Maximum change (+0.05R)
Conditions
Test Parameters
1000 hours rated load @ 70°C
1000hrs @ 40°C, 90 - 95%RH
6.25 x rated Power, or 2 x LEV, for 5 sec
1000 hours at 155°C
5 cycles -55°C, 150°C
270°C, 10 sec
235°C, 2 sec
0603 to 2512
0.05%
0.05%
0.02%
0.05%
0.02%
0.02%
Load life
Humidity
Short term overload
High temperature operation
Temperature cycle
Resistance to solder heat
Solderability
Maximum change (+0.05R)
Conditions
Test Parameters
1000 hours rated load @ 70°C
1000hrs @ 40°C, 90 - 95%RH
6.25 x rated Power, or 2 x LEV, for 5 sec
1000 hours at 125°C
5 cycles -55 C, 125°C
270°C, 10 sec
235°C, 2 sec
95% minimum coverage
0402
0.25%
0.5%
0.1%
0.5%
0.1%
0.1%
Performance Data - Standard Range
Performance Data - High Power Range
Performance Data - Passivated Range
Construction
A thin-film material is selectively deposited on a 96% alumina substrate together with metallic contacts at each end of the resistor.
The unadjusted resistors are heat treated to give the required TCR and stability, then a precisely controlled laser trim process adjusts
the resistance value. Epoxy protection is applied and wrap-around terminations are added and plated with Nickel then Tin. Each
resistor is measured immediately before packing into tape.
Terminations
The standard termination is 100% Sn matte plated wrap-around suitable for soldering. SnPb plated option is available for standard
range PCF over the restricted range below.
Physical Data
Dimensions (mm) and Weight (mg)
L
W
T max
A
C
Wt
0201
0.58 0.05
0.29 0.05
0.26
0.15 0.05
0.12 0.05
0.14
0402
1.0 0.1
0.5 0.05
0.55
0.25 0.15
0.2 0.15
0.54
0603
1.6 0.2
0.8 0.2
0.65
0.35 0.25
0.3 0.2
1.8
0805
2.0 0.2
1.25 0.2
0.65
0.4 0.25
0.3 0.2
4.7
1206
3.05 0.15
1.55 0.15
0.65
0.35 0.25
0.42 0.2
9.0
1210
3.10 0.15
2.5 0.25
0.65
0.55 0.25
0.4 0.3
10
2010
4.9 0.2
2.4 0.25
0.65
0.55 0.3
0.6 0.3
24
2512
6.3 0.2
3.1 0.25
0.65
0.7 0.45
0.6 0.3
38
T
W
A
A
L
Wrap-around terminations
(3 faces)
C
Type
TCR
(ppm/°C)
Power
(W)
Limiting Element
Voltage (V)
Ohmic Value Range
1%
0.5%
0.25%
0.1%
PCF0805
50
0.1
100
10R – 250K
25
10R – 100K
15
10R – 100K
PCF1206
50
0.125
150
10R – 500K
25
10R – 200K
15
10R – 200K
SnPb Termination Option Range
Precision Surface Mount Resistors
03.11
© Welwyn Components Limited Bedlington Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 Facsimile: +44 (0) 1670 829465 Email: info@welwyn-tt.com Website: www.welwyn-tt.com
PCF Series
>0.05% tolerance
0603 to 2512
0.25%
0.3%
0.5%
0.25%
0.1%
0.2%
Load life
Humidity
Short term overload
High temperature operation
Temperature cycle
Resistance to solder heat
Solderability
Maximum change (+0.05R)
Chip size
0201, 0402
0.5%
0.3%
0.5%
0.25%
0.1%
0.2%
≤0.05% tolerance
0603 to 2512
0.05%
0.05%
0.05%
0.25%
0.05%
0.05%
Conditions
Test Parameters
1000 hours rated load @ 70°C
1000 hours @ 40°C, 90 - 95%RH
6.25 x rated Power , or 2 x LEV, for 5 sec
1000 hours at 125°C
5 cycles -55 C, 125°C
270°C, 10 sec
235°C, 2 sec
95% minimum coverage
0.5%
0.5%
0.5%
0.5%
0.25%
0.2%
95% minimum coverage
Load life
Humidity
Short term overload
High temperature operation
Temperature cycle
Resistance to solder heat
Solderability
Maximum change (+0.05R)
Conditions
Test Parameters
1000 hours rated load @ 70°C
1000hrs @ 40°C, 90 - 95%RH
6.25 x rated Power, or 2 x LEV, for 5 sec
1000 hours at 155°C
5 cycles -55°C, 150°C
270°C, 10 sec
235°C, 2 sec
0603 to 2512
0.05%
0.05%
0.02%
0.05%
0.02%
0.02%
Load life
Humidity
Short term overload
High temperature operation
Temperature cycle
Resistance to solder heat
Solderability
Maximum change (+0.05R)
Conditions
Test Parameters
1000 hours rated load @ 70°C
1000hrs @ 40°C, 90 - 95%RH
6.25 x rated Power, or 2 x LEV, for 5 sec
1000 hours at 125°C
5 cycles -55 C, 125°C
270°C, 10 sec
235°C, 2 sec
95% minimum coverage
0402
0.25%
0.5%
0.1%
0.5%
0.1%
0.1%
Performance Data - Standard Range
Performance Data - High Power Range
Performance Data - Passivated Range
Construction
A thin-film material is selectively deposited on a 96% alumina substrate together with metallic contacts at each end of the resistor.
The unadjusted resistors are heat treated to give the required TCR and stability, then a precisely controlled laser trim process adjusts
the resistance value. Epoxy protection is applied and wrap-around terminations are added and plated with Nickel then Tin. Each
resistor is measured immediately before packing into tape.
Terminations
The standard termination is 100% Sn matte plated wrap-around suitable for soldering. SnPb plated option is available for standard
range PCF over the restricted range below.
Physical Data
Dimensions (mm) and Weight (mg)
L
W
T max
A
C
Wt
0201
0.58 0.05
0.29 0.05
0.26
0.15 0.05
0.12 0.05
0.14
0402
1.0 0.1
0.5 0.05
0.55
0.25 0.15
0.2 0.15
0.54
0603
1.6 0.2
0.8 0.2
0.65
0.35 0.25
0.3 0.2
1.8
0805
2.0 0.2
1.25 0.2
0.65
0.4 0.25
0.3 0.2
4.7
1206
3.05 0.15
1.55 0.15
0.65
0.35 0.25
0.42 0.2
9.0
1210
3.10 0.15
2.5 0.25
0.65
0.55 0.25
0.4 0.3
10
2010
4.9 0.2
2.4 0.25
0.65
0.55 0.3
0.6 0.3
24
2512
6.3 0.2
3.1 0.25
0.65
0.7 0.45
0.6 0.3
38
T
W
A
A
L
Wrap-around terminations
(3 faces)
C
06.18
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronics.com/resistors
BI Technologies IRC Welwyn



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com