Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MMBD4448HT Datasheet(PDF) 1 Page - Shunxin Technology Co., Ltd.

Part # MMBD4448HT
Description  SWITCHING DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SXSEMI [Shunxin Technology Co., Ltd.]
Direct Link  https://sxsemi.com/
Logo SXSEMI - Shunxin Technology Co., Ltd.

MMBD4448HT Datasheet(HTML) 1 Page - Shunxin Technology Co., Ltd.

  MMBD4448HT Datasheet HTML 1Page - Shunxin Technology Co., Ltd. MMBD4448HT Datasheet HTML 2Page - Shunxin Technology Co., Ltd. MMBD4448HT Datasheet HTML 3Page - Shunxin Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SWITCHING DIODE
FEATURES
l
Fast Switching Speed
l
For General Purpose Switching Applications
l
High Conductance
MARKING:A3
Maximum Ratings and Electrical Characteristics, Single Diode @Ta=25 ℃
Parameter
Symbol
Limit
Unit
Non-Repetitive Peak Reverse Voltage
VRM
100
V
Peak Repetitive Peak Reverse Voltage
VRRM
Working Peak Reverse Voltage
VRWM
80
V
DC Blocking Voltage
VR
RMS Reverse Voltage
VR(RMS)
57
V
Forward Continuous Current
IFM
500
mA
Average Rectified Output Current
IO
250
mA
Non-Repetitive Peak Forward Surge Current @t=8.3ms
IFSM
2.0
A
Power Dissipation
Pd
150
mW
Thermal Resistance from Junction to Ambient
RθJA
833
℃
/W
Operation Junction and Storage Temperature Range
TJ ,TSTG
-55 ~+150
℃
Electrical Ratings @Ta=25℃
Parameter
Symbol
Min
Typ
Max
Unit
Conditions
Reverse breakdown voltage
VR
80
V
IR=2.5μA
Forward voltage
VF1
0.62
0.72
V
IF=5mA
VF2
0.855
V
IF=10mA
VF3
1.0
V
IF=100mA
VF4
1.25
V
IF=150mA
Reverse current
IR1
0.1
μA
VR=70V
IR2
25
nA
VR=20V
Capacitance between terminals
CT
3.5
pF
VR=6V,f=1MHz
Reverse recovery time
trr
4
ns
IF=IR=10mA
Irr=0.1XIR,RL=100Ω
SOT-523
1
www.sxsemi.com
MMBD4448HT
1
2
3


Similar Part No. - MMBD4448HT

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMBD4448HT DIODES-MMBD4448HT Datasheet
167Kb / 2P
SURFACE MOUNT FAST SWITCHING DIODE
DS30263 Rev. 5 - 2
MMBD4448HT DIODES-MMBD4448HT Datasheet
76Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
DS30263 Rev. 9 - 2
logo
Weitron Technology
MMBD4448HT WEITRON-MMBD4448HT Datasheet
1Mb / 3P
Surface Mount Switching Diodes
logo
Diodes Incorporated
MMBD4448HT DIODES-MMBD4448HT Datasheet
90Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
Rev. 12 - 2 March 2009
logo
Micro Commercial Compon...
MMBD4448HT MCC-MMBD4448HT Datasheet
185Kb / 3P
150mW Switching Diodes
More results

Similar Description - MMBD4448HT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BAS16HT1 ONSEMI-BAS16HT1_05 Datasheet
45Kb / 4P
Switching Diode
March, 2005 ??Rev. 4
logo
Microsemi Corporation
1N4531 MICROSEMI-1N4531 Datasheet
96Kb / 1P
SWITCHING DIODE
1N5196 MICROSEMI-1N5196 Datasheet
82Kb / 1P
SWITCHING DIODE
logo
TRANSYS Electronics Lim...
BAL99LT1 TEL-BAL99LT1 Datasheet
60Kb / 1P
SWITCHING DIODE
logo
ON Semiconductor
MMSD4148T1 ONSEMI-MMSD4148T1_07 Datasheet
75Kb / 4P
Switching Diode
September, 2007 - Rev. 9
logo
TAITRON Components Inco...
1N914 TAITRON-1N914 Datasheet
174Kb / 4P
Switching Diode
logo
AiT Semiconductor Inc.
BAS516 AITSEMI-BAS516 Datasheet
210Kb / 4P
SWITCHING DIODE HIGH SPEED SWITCHING DIODE
REV1.0
BAV99L AITSEMI-BAV99L Datasheet
442Kb / 5P
SWITCHING DIODE DUAL SWITCHING DIODE
REV2.0
MBD914 AITSEMI-MBD914 Datasheet
505Kb / 5P
SWITCHING DIODE HIGH?뭆PEED SWITCHING DIODE
REV1.0
MDL914 AITSEMI-MDL914 Datasheet
483Kb / 5P
SWITCHING DIODE HIGH ?밪PEED SWITCHING DIODE
REV1.1
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com