Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

74LCX00 Datasheet(PDF) 15 Page - STMicroelectronics

Part # 74LCX00
Description  Low-voltage CMOS quad dual input NAND gate with 5 V tolerant inputs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74LCX00 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button 74LCX00 Datasheet HTML 8Page - STMicroelectronics 74LCX00 Datasheet HTML 9Page - STMicroelectronics 74LCX00 Datasheet HTML 10Page - STMicroelectronics 74LCX00 Datasheet HTML 11Page - STMicroelectronics 74LCX00 Datasheet HTML 12Page - STMicroelectronics 74LCX00 Datasheet HTML 13Page - STMicroelectronics 74LCX00 Datasheet HTML 14Page - STMicroelectronics 74LCX00 Datasheet HTML 15Page - STMicroelectronics 74LCX00 Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
74LCX00
Revision history
Doc ID 4972 Rev 7
15/16
8
Revision history
Table 14.
Document revision history
Date
Revision
Changes
15-Sep-2004
4
Ordering code revision - pag 1
07-Jul-2006
5
New template, temperature ranges updated
20-Jun-2012
6
Added Applications on page 1
Updated Table 1: Device summary on page 1
Updated Top in Table 5: Recommended operating conditions
Updated ECOPACK® text in Section 7: Package mechanical data
Minor textual updates
02-Oct-2012
7
Updated ESD performance in Features (updated HBM and MM,
added CDM).
Added 74LCX00YMTR device and “Marking” to Table 1, updated
temperature range, note 1.
Updated Section 3: Maximum ratings (added cross-references).
Removed “Operating temperature” from Table 5.
Reformatted Section 7: Package mechanical data.
Minor corrections throughout document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com