Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

74LCX00TTR Datasheet(PDF) 5 Page - STMicroelectronics

Part # 74LCX00TTR
Description  Low-voltage CMOS quad dual input NAND gate with 5 V tolerant inputs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74LCX00TTR Datasheet(HTML) 5 Page - STMicroelectronics

  74LCX00TTR Datasheet HTML 1Page - STMicroelectronics 74LCX00TTR Datasheet HTML 2Page - STMicroelectronics 74LCX00TTR Datasheet HTML 3Page - STMicroelectronics 74LCX00TTR Datasheet HTML 4Page - STMicroelectronics 74LCX00TTR Datasheet HTML 5Page - STMicroelectronics 74LCX00TTR Datasheet HTML 6Page - STMicroelectronics 74LCX00TTR Datasheet HTML 7Page - STMicroelectronics 74LCX00TTR Datasheet HTML 8Page - STMicroelectronics 74LCX00TTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
74LCX00
Maximum ratings
Doc ID 4972 Rev 7
5/16
3
Maximum ratings
Stressing the device above the rating listed in Table 4: Absolute maximum ratings may
cause permanent damage to the device. These are stress ratings only and operation of the
device at these or any other conditions above those indicated in Table 5: Recommended
operating conditions of this specification is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
Recommended operating conditions
Table 4.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCC
Supply voltage
-0.5 to +7.0
V
VI
DC input voltage
-0.5 to +7.0
V
VO
DC output voltage (VCC = 0 V)
-0.5 to +7.0
V
VO
DC output voltage (high or low state)(1)
1.
IO absolute maximum rating must be observed.
-0.5 to VCC + 0.5
V
IIK
DC input diode current
-50
mA
IOK
DC output diode current(2)
2.
VO < GND.
-50
mA
IO
DC output current
± 50
mA
ICC
DC supply current per supply pin
±100
mA
IGND
DC ground current per supply pin
±100
mA
Tstg
Storage temperature
-65 to +150
°C
TL
Lead temperature (10 sec.)
300
°C
Table 5.
Recommended operating conditions
Symbol
Parameter
Value
Unit
VCC
Supply voltage(1)
1.
Truth table guaranteed: 1.5 V to 3.6 V.
2.0 to 3.6
V
VI
Input voltage
0 to 5.5
V
VO
Output voltage (VCC = 0 V)
0 to 5.5
V
VO
Output voltage (high or low state)
0 to VCC
V
IOH, IOL High or low level output current (VCC = 3.0 to 3.6 V)
± 24
mA
IOH, IOL High or low level output current (VCC = 2.7 V)
± 12
mA
dt/dv
Input rise and fall time(2)
2.
VIN from 0.8 V to 2 V at VCC = 3.0 V.
0 to 10
ns/V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com