Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UCD3138A64 Datasheet(PDF) 57 Page - Texas Instruments

Part # UCD3138A64
Description  UCD3138128, UCD3138A64 Highly-Integrated Digital Controller For Isolated Power
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

UCD3138A64 Datasheet(HTML) 57 Page - Texas Instruments

Back Button UCD3138A64 Datasheet HTML 53Page - Texas Instruments UCD3138A64 Datasheet HTML 54Page - Texas Instruments UCD3138A64 Datasheet HTML 55Page - Texas Instruments UCD3138A64 Datasheet HTML 56Page - Texas Instruments UCD3138A64 Datasheet HTML 57Page - Texas Instruments UCD3138A64 Datasheet HTML 58Page - Texas Instruments UCD3138A64 Datasheet HTML 59Page - Texas Instruments UCD3138A64 Datasheet HTML 60Page - Texas Instruments UCD3138A64 Datasheet HTML 61Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 84 page
background image
Does PFLASH 0 have a
BRANCH instruction at the
beginning?
Is there a valid checksum on
the first 2 kB of PFLASH 0,
all 32 kB of PFLASH 0,
all 64 kB of PFLASH 0 & 1
or 128 kB of PFLASH 0, 1, 2 and 3?
BRANCH to
Program Flash 0
Stay in ROM
Yes
No
Yes
No
Device Reset
BRANCH to
Program Flash 2
Yes
No
Yes
No
Does PFLASH 2 have a
BRANCH instruction at the
beginning?
Is there a valid checksum on
all 64 kB of PFLASH 2 &3?
57
UCD3138128, UCD3138A64
www.ti.com
SLUSBZ8B – JUNE 2014 – REVISED FEBRUARY 2017
Product Folder Links: UCD3138128 UCD3138A64
Submit Documentation Feedback
Copyright © 2014–2017, Texas Instruments Incorporated
Figure 36. Check Sum Evaluation Flowchart, 128 kB
If none of the checksums are valid, the Boot ROM stays in control, and accepts commands via the PMBus
interface. These functions can be used to read and write to all memory locations in the device. Typically they are
at address 11 and are used to download a program to Program Flash, and to command its execution.
9.5.3 Customer Boot Program
As described above, it is possible to generate a user boot program using 2 kB or more of the Program Flash.
This can support things which the Boot ROM does not support, including:
•
Program download via UART – useful especially for applications where the UCD3138A64 or UCD3138128 is
isolated from the host (e.g., PFC)
•
Encrypted download – useful for code security in field updates.
•
PMBus download at different addresses
•
Different command formats
9.5.4 Flash Management
The device offers a variety of features providing for easy prototyping and easy flash programming. At the same
time, high levels of security are possible for production code, even with field updates. Standard firmware will be
provided for storing multiple copies of system parameters in data flash. This minimizes the risk of losing
information if data-flash programming is interrupted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com