Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UCD3138128PFCR Datasheet(PDF) 70 Page - Texas Instruments

Part # UCD3138128PFCR
Description  UCD3138128, UCD3138A64 Highly-Integrated Digital Controller For Isolated Power
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

UCD3138128PFCR Datasheet(HTML) 70 Page - Texas Instruments

Back Button UCD3138128PFCR Datasheet HTML 66Page - Texas Instruments UCD3138128PFCR Datasheet HTML 67Page - Texas Instruments UCD3138128PFCR Datasheet HTML 68Page - Texas Instruments UCD3138128PFCR Datasheet HTML 69Page - Texas Instruments UCD3138128PFCR Datasheet HTML 70Page - Texas Instruments UCD3138128PFCR Datasheet HTML 71Page - Texas Instruments UCD3138128PFCR Datasheet HTML 72Page - Texas Instruments UCD3138128PFCR Datasheet HTML 73Page - Texas Instruments UCD3138128PFCR Datasheet HTML 74Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 84 page
background image
70
UCD3138128, UCD3138A64
SLUSBZ8B – JUNE 2014 – REVISED FEBRUARY 2017
www.ti.com
Product Folder Links: UCD3138128 UCD3138A64
Submit Documentation Feedback
Copyright © 2014–2017, Texas Instruments Incorporated
10.2.4 Application Curves
1A-16A-1A
Vin =385V
Figure 46. Load Transient
30A Load
syncFETs off
Figure 47. VOUT Soft Start
Kp =14000
Ki =300
Kd =2000
Alpha = –2
Figure 48. Bode Plot



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com