Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

XIO2001IPNP.A Datasheet(PDF) 19 Page - Texas Instruments

Part # XIO2001IPNP.A
Description  XIO2001 PCI Express to PCI Bus Translation Bridge
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

XIO2001IPNP.A Datasheet(HTML) 19 Page - Texas Instruments

Back Button XIO2001IPNP.A Datasheet HTML 15Page - Texas Instruments XIO2001IPNP.A Datasheet HTML 16Page - Texas Instruments XIO2001IPNP.A Datasheet HTML 17Page - Texas Instruments XIO2001IPNP.A Datasheet HTML 18Page - Texas Instruments XIO2001IPNP.A Datasheet HTML 19Page - Texas Instruments XIO2001IPNP.A Datasheet HTML 20Page - Texas Instruments XIO2001IPNP.A Datasheet HTML 21Page - Texas Instruments XIO2001IPNP.A Datasheet HTML 22Page - Texas Instruments XIO2001IPNP.A Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 145 page
background image
PARAMETER
TERMINALS
MIN
NOM
MAX
UNIT
COMMENTS
ZRX-HIGH-IMP-DC-POS (7)
DC input CM input impedance for V > 0
during reset or powerdown
RXP, RXN
50
kΩ
Rx DC CM impedance with the Rx terminations not
powered, measured over the range 0 to 200 mV with
respect to ground.
ZRX-HIGH-IMP-DC-NEG (7)
DC input CM input impedance for V > 0
during reset or powerdown
RXP, RXN
1
kΩ
Rx DC CM impedance with the Rx terminations not
powered, measured over the range 0 to 200 mV with
respect to ground.
VRX-IDLE-DET-DIFFp-p
Electrical idle detect threshold
RXP, RXN
65
175
mV
VRX-IDLE-DET-DIFFp-p = 2*|VRXP – VRXN| measured at the
receiver package terminals
TRX-IDLE-DET-DIFF-ENTER-TIME
Unexpected electrical idle enter detect
threshold integration time
RXP, RXN
10
ms
An unexpected electrical idle (VRX-DIFFp-p < VRX-IDLE-
DET-DIFFp-p) must be recognized no longer than TRX-IDLE-
DET-DIFF-ENTER-TIME to signal an unexpected idle
condition.
(1)
No test load is necessarily associated with this value.
(2)
Specified at the measurement point and measured over any 250 consecutive UIs. A test load must be used as the RX device when
taking measurements. If the clocks to the RX and TX are not derived from the same reference clock, then the TX UI recovered from
3500 consecutive UIs is used as a reference for the eye diagram.
(3)
A TRX-EYE = 0.40 UI provides for a total sum of 0.60 UI deterministic and random jitter budget for the transmitter and interconnect
collected any 250 consecutive UIs. The TRX-EYE-MEDIAN-to-MAX-JITTER specification ensures a jitter distribution in which the
median and the maximum deviation from the median is less than half of the total UI jitter budget collected over any 250 consecutive TX
UIs. It must be noted that the median is not the same as the mean. The jitter median describes the point in time where the number of
jitter points on either side is approximately equal as opposed to the averaged time value. If the clocks to the RX and TX are not derived
from the same reference clock, then the TX UI recovered from 3500 consecutive UIs must be used as the reference for the eye
diagram.
(4)
The receiver input impedance results in a differential return loss greater than or equal to 15 dB with the P line biased to 300 mV and
the N line biased to .300 mV and a common mode return loss greater than or equal to 6 dB (no bias required) over a frequency range
of 50 MHz to 1.25 GHz. This input impedance requirement applies to all valid input levels. The reference impedance for return loss
measurements for is 50 . to ground for both the P and N line (i.e., as measured by a Vector Network Analyzer with 50-. probes). The
series capacitors CTX is optional for the return loss measurement.
(5)
Impedance during all link training status state machine (LTSSM) states. When transitioning from a PCI Express reset to the detect
state (the initial state of the LTSSM) there is a 5-ms transition time before receiver termination values must be met on the unconfigured
lane of a port.
(6)
A single PLL bandwidth and peaking value of 1.5 to 22 MHz and 3 dB are defined.
(7)
ZRX-HIGH-IMP-DC-NEG and ZRX-HIGH-IMP-DC-POS are defined respectively for negative and postive voltages at the input of the receiver.
6.8 PCI Express Differential Reference Clock Input Ranges (1)
PARAMETER
TERMINALS
MIN
NOM
MAX
UNIT
COMMENTS
fIN-DIFF
Differential input frequency
REFCLK+
REFCLK–
100
MHz
The input frequency is 100 MHz + 300 ppm and –2800
ppm including SSC-dictated variations.
fIN-SE
Single-ended input frequency
REFCLK+
125
MHz
The input frequency is 125 MHz + 300 ppm and –300
ppm.
VRX-DIFFp-p
Differential input peak-to-
peak voltage
REFCLK+
REFCLK–
0.175
1.2
V
VRX-DIFFp-p = 2*|VREFCLK+ – VREFCLK-|
VIH-SE
REFCLK+
0.7 VDDA_33
VDDA_33
V
Single-ended, reference clock mode high-level input
voltage
VIL-SE
REFCLK+
0
0.3 VDDA_33
V
Single-ended, reference clock mode low-level input
voltage
VRX-CM-ACp
AC peak common mode input
voltage
REFCLK+
REFCLK–
140
mV
VRX-CM-ACp = RMS(|VREFCLK+ + VREFCLK-|/2 VRX-CM-DC)
VRX-CM-DC = DC(avg) of
|VREFCLK+ + VREFCLK-|/2
Duty cycle
REFCLK+
REFCLK–
40%
60%
Differential and single-ended waveform input duty
cycle
ZC-DC
Clock source DC impedance
REFCLK+
REFCLK–
40
60
Ω
REFCLK± dc differential mode impedance
ZRX-DC
DC input impedance
REFCLK+
REFCLK–
20
kΩ
REFCLK+ dc single-ended mode impedance
(1)
The XIO2001 is compliant with the defined system jitter models for a PCI-Express reference clock and associated TX/RX link. Any
usage of the XIO2001 in a system configuration that does not conform to the defined system jitter models requires the system designer
to validate the system jitter budgets.
www.ti.com
XIO2001
SCPS212J – MAY 2009 – REVISED JANUARY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
19
Product Folder Links: XIO2001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com