| Electronic Components Datasheet Search |
|
XIO2001IPNP.A Datasheet(PDF) 130 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
XIO2001IPNP.A Datasheet(HTML) 130 Page - Texas Instruments |
|
130 / 145 page ![]() 10 Device and Documentation Support 10.1 Documents Conventions Throughout this data manual, several conventions are used to convey information. These conventions are listed below: 1. To identify a binary number or field, a lower case b follows the numbers. For example: 000b is a 3-bit binary field. 2. To identify a hexadecimal number or field, a lower case h follows the numbers. For example: 8AFh is a 12-bit hexadecimal field. 3. All other numbers that appear in this document that do not have either a b or h following the number are assumed to be decimal format. 4. If the signal or terminal name has a bar above the name (for example, GRST), then this indicates the logical NOT function. When asserted, this signal is a logic low, 0, or 0b. 5. Differential signal names end with P, N, +, or – designators. The P or + designators signify the positive signal associated with the differential pair. The N or – designators signify the negative signal associated with the differential pair. 6. RSVD indicates that the referenced item is reserved. 7. In Sections 4 through 6, the configuration space for the bridge is defined. For each register bit, the software access method is identified in an access column. The legend for this access column includes the following entries: • r – read access by software • u – updates by the bridge internal hardware • w – write access by software • c – clear an asserted bit with a write-back of 1b by software. Write of zero to the field has no effect • s – the field may be set by a write of one. Write of zero to the field has no effect • na – not accessible or not applicable 10.1.1 XIO2001 Definition ACRONYM DEFINTION BIST Built-in self test ECRC End-to-end cyclic redundancy code EEPROM Electrically erasable programmable read-only memory GP General purpose GPIO General-purpose input output ID Identification IF Interface IO Input output I2C Intelligent Interface Controller LPM Link power management LSB Least significant bit MSB Most significant bit MSI Message signaled interrupts PCI Peripheral component interface PME PCI power management event RX Receive SCL Serial-bus clock SDA Serial-bus data TC Traffic class TLP Transaction layer packet or protocol TX Transmit XIO2001 SCPS212J – MAY 2009 – REVISED JANUARY 2021 www.ti.com 130 Submit Document Feedback Copyright © 2021 Texas Instruments Incorporated Product Folder Links: XIO2001 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |