Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32WBA64CGV6 Datasheet(PDF) 160 Page - STMicroelectronics

Part # STM32WBA64CGV6
Description  Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M33 with TrustZone , FPU, Bluetooth IEEE802.15.4 radio solution
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WBA64CGV6 Datasheet(HTML) 160 Page - STMicroelectronics

Back Button STM32WBA64CGV6 Datasheet HTML 156Page - STMicroelectronics STM32WBA64CGV6 Datasheet HTML 157Page - STMicroelectronics STM32WBA64CGV6 Datasheet HTML 158Page - STMicroelectronics STM32WBA64CGV6 Datasheet HTML 159Page - STMicroelectronics STM32WBA64CGV6 Datasheet HTML 160Page - STMicroelectronics STM32WBA64CGV6 Datasheet HTML 161Page - STMicroelectronics STM32WBA64CGV6 Datasheet HTML 162Page - STMicroelectronics STM32WBA64CGV6 Datasheet HTML 163Page - STMicroelectronics STM32WBA64CGV6 Datasheet HTML 164Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 160 / 185 page
background image
Electrical characteristics
STM32WBA6xxx
160/185
DS14736 Rev 1
Figure 33. USART timing diagram in master mode
Figure 34. USART timing diagram in slave mode
5.3.30
SPI characteristics
Unless otherwise specified, the parameters given in Table 95 are under the ambient
temperature, fPCLKx frequency and supply voltage conditions summarized in Table 30, with
the following configuration:
•
Output speed is set to OSPEEDRy[1:0] = 10
•
Capacitive load CL = 30 pF
•
Measurement points are done at 0.5 VDD
•
I/O compensation cell activated
MSv65386V6
1/fCK
tw(CKH)
tw(CKL)
CPHA=0
CPOL=0
CPHA=0
CPOL=1
TX output
RX input
MSB OUT
LSB OUT
BIT1 OUT
MSB IN
LSB IN
BIT6 IN
CPHA=1
CPOL=0
CPHA=1
CPOL=1
tsu(RX)
tv(TX)
th(TX)
th(RX)
MSv65387V6
NSS input
CPHA=0
CPOL=0
CPHA=0
CPOL=1
TX output
RX input
th(RX)
tw(CKL)
tw(CKH)
1/fCK
th(NSS)
tsu(NSS)
tv(TX)
Next bits IN
Last bit OUT
First bit IN
First bit OUT
Next bits OUT
th(TX)
Last bit IN
tsu(RX)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com