Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32WBA64CGV6 Datasheet(PDF) 28 Page - STMicroelectronics

Part # STM32WBA64CGV6
Description  Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M33 with TrustZone , FPU, Bluetooth IEEE802.15.4 radio solution
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WBA64CGV6 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button STM32WBA64CGV6 Datasheet HTML 24Page - STMicroelectronics STM32WBA64CGV6 Datasheet HTML 25Page - STMicroelectronics STM32WBA64CGV6 Datasheet HTML 26Page - STMicroelectronics STM32WBA64CGV6 Datasheet HTML 27Page - STMicroelectronics STM32WBA64CGV6 Datasheet HTML 28Page - STMicroelectronics STM32WBA64CGV6 Datasheet HTML 29Page - STMicroelectronics STM32WBA64CGV6 Datasheet HTML 30Page - STMicroelectronics STM32WBA64CGV6 Datasheet HTML 31Page - STMicroelectronics STM32WBA64CGV6 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 185 page
background image
Functional overview
STM32WBA6xxx
28/185
DS14736 Rev 1
Figure 2. 2.4 GHz RADIO block diagram
3.11
PTA interface
The PTA interface enables packet traffic arbitration with other connectivity devices, as WiFi
PTA main features:
•
based on IEEE802.15.2 standard
•
supports both grant and deny signaling
•
supports from 1- up to 4-wire protocols
•
programmable transmit receive PTA_STATUS polarity
•
programmable priority polarity
•
programmable grant polarity
•
programmable active polarity
•
programmable PTA_ACTIVE timing
•
programmable PTA_STATUS time multiplexed priority timing
•
programmable transmit packet abort
3.12
Power supply management
The power controller (PWR) main features are:
•
Power supplies and supply domains
–
Core domain (VCORE)
–VDD and backup domain
–
Analog domain (VDDA)
–
SMPS power stage (VDDSMPS, available only on SMPS packages)
–VDDUSB domain USB OTG (available only on USB packages)
–VDDRF for 2.4 GHz RADIO
•
System supply voltage regulation
–
SMPS step-down converter
MSv55610V1
2.4 GHz RADIO
Demodulator
VDDRF
RF
Matching
LNA
IQ
generator
I
Q
BPF
LF
PA
DIV
PFD/CP
Low layer protocol
Modulator
Tx
Rx
SEQRAM
RXTXRAM
RADIO interrupt
PTA interface
VDDRFPA
VDDHPA
VDDANA
VSSRF
VDDANA only available on packages with SMPS. On LDO packages VDDANA is double bonded with VDDRF.
In QFN packages VSSRF is connected to exposed pad.
External PA control
AoA/AoD
antenna control
Sleep timer
Sleep timer clock
2.4 GHz RADIO
kernel clock
2.4 GHz RADIO RF clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com