Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TAS5548DCAR Datasheet(PDF) 36 Page - Texas Instruments

Part # TAS5548DCAR
Description  TAS5548 8-Channel HD Compatible Audio Processor with ASRC and PWM Output
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TAS5548DCAR Datasheet(HTML) 36 Page - Texas Instruments

Back Button TAS5548DCAR Datasheet HTML 32Page - Texas Instruments TAS5548DCAR Datasheet HTML 33Page - Texas Instruments TAS5548DCAR Datasheet HTML 34Page - Texas Instruments TAS5548DCAR Datasheet HTML 35Page - Texas Instruments TAS5548DCAR Datasheet HTML 36Page - Texas Instruments TAS5548DCAR Datasheet HTML 37Page - Texas Instruments TAS5548DCAR Datasheet HTML 38Page - Texas Instruments TAS5548DCAR Datasheet HTML 39Page - Texas Instruments TAS5548DCAR Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 118 page
background image
TAS5548
SLES270A – NOVEMBER 2012 – REVISED APRIL 2015
www.ti.com
Table 8. Bass and Treble Filter Selections
3-dB CORNER FREQUENCIES, Hz
fS
FILTER SET 1
FILTER SET 2
FILTER SET 3
FILTER SET 4
FILTER SET 5
(kHz)
BASS
TREBLE
BASS
TREBLE
BASS
TREBLE
BASS
TREBLE
BASS
TREBLE
88.2
115
2527
230
5053
345
8269
402
10106
459
11944
96
125
2750
250
5500
375
9000
438
11000
500
13000
176.4
230
5053
459
10106
689
16538
804
20213
919
23888
192
250
5500
500
11000
750
18000
875
22000
1000
26000
The I2C registers that control bass and treble are:
•
Bass and treble bypass register (0x89–0x90, channels 1–8)
•
Bass and treble slew rates (0xD0)
•
Bass filter sets 1–5 (0xDA)
•
Bass filter index (0xDB)
•
Treble filter sets 1–5 (0xDC)
•
Treble filter index (0xDD)
NOTE
The bass and treble bypass registers (0x89–0x90) are defaulted to the bypass mode. In
order to use the bass and treble, these registers must be in the inline (or enabled) mode
for each channel using bass and treble.
7.4.14 Volume, Automute, and Mute
The TAS5548 provides individual channel and master volume controls. Each control provides an adjustment
range of 18 dB to –127 dB in 0.25-dB increments. This permits a total volume device control range of 36 dB to
–127 dB plus mute. The master volume control can be configured to control six or eight channels.
The TAS5548 has a master soft mute control that can be enabled by a terminal or I2C command. The device
also has individual channel soft mute controls that are enabled via I2C.
7.4.15 Loudness Compensation
The loudness compensation function compensates for the Fletcher-Munson loudness curves. The TAS5548
loudness implementation tracks the volume control setting to provide spectral compensation for weak low- or
high-frequency response at low volume levels. For the volume tracking function, both linear and logarithmic
control laws can be implemented. Any biquad filter response can be used to provide the desired loudness curve.
The control parameters for the loudness control are programmable via the I2C interface.
The TAS5548 has a single set of loudness controls for the eight channels. In 6-channel mode, loudness is
available to the six speaker outputs and also to the line outputs. The loudness control input uses the maximum
individual master volume (V) to control the loudness that is applied to all channels. In the 192-kHz and 176.4-kHz
modes, the loudness function is active only for channels 1, 2, and 8.
36
Submit Documentation Feedback
Copyright © 2012–2015, Texas Instruments Incorporated
Product Folder Links: TAS5548



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com