Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TAS5711PHPR.B Datasheet(PDF) 49 Page - Texas Instruments

Part # TAS5711PHPR.B
Description  20-W DIGITAL AUDIO-POWER AMPLIFIER WITH EQ, DRC, AND 2.1 MODE
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TAS5711PHPR.B Datasheet(HTML) 49 Page - Texas Instruments

Back Button TAS5711PHPR.B Datasheet HTML 45Page - Texas Instruments TAS5711PHPR.B Datasheet HTML 46Page - Texas Instruments TAS5711PHPR.B Datasheet HTML 47Page - Texas Instruments TAS5711PHPR.B Datasheet HTML 48Page - Texas Instruments TAS5711PHPR.B Datasheet HTML 49Page - Texas Instruments TAS5711PHPR.B Datasheet HTML 50Page - Texas Instruments TAS5711PHPR.B Datasheet HTML 51Page - Texas Instruments TAS5711PHPR.B Datasheet HTML 52Page - Texas Instruments TAS5711PHPR.B Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 74 page
background image
TAS5711
www.ti.com
SLOS600A – DECEMBER 2009 – REVISED AUGUST 2010
SYSTEM CONTROL REGISTER 2 (0x05)
When bit D6 is set low, the system exits all channel shutdown and starts playing audio; otherwise, the outputs
are shut down(hard mute).
Table 10. System Control Register 2 (0x05)
D7
D6
D5
D4
D3
D2
D1
D0
FUNCTION
0
–
–
–
–
–
–
–
Mid-Z ramp disabled (1)
1
–
–
–
–
–
–
–
Mid-Z ramp enabled
–
0
–
–
–
–
–
–
Exit all-channel shutdown (normal operation)
–
1
–
–
–
–
–
–
Enter all-channel shutdown (hard mute)(1)
–
–
–
–
0
–
–
–
Subchannel in AD mode
–
–
–
–
1
–
–
–
Subchannel in BD mode
–
–
–
–
–
0
–
–
2.0 mode [2.0 BTL] (1)
–
–
–
–
–
1
–
–
2.1 mode [2 SE + 1 BTL]
–
0
–
–
–
–
–
–
Exit all-channel shutdown (normal operation)
–
–
–
–
–
–
0
–
A_SEL configured as input(1)
–
–
–
–
–
–
1
–
A_SEL configured as FAULT output
–
–
0
0
–
–
–
0
Reserved (1)
(1)
Default values are in bold.
SOFT MUTE REGISTER (0x06)
Writing a 1 to any of the following bits sets the output of the respective channel to 50% duty cycle (soft mute).
Table 11. Soft Mute Register (0x06)
D7
D6
D5
D4
D3
D2
D1
D0
FUNCTION
0
0
0
0
0
–
–
–
Reserved (1)
–
–
–
–
–
0
–
–
Soft unmute channel 3 (1)
–
–
–
–
–
1
–
–
Soft mute channel 3
–
–
–
–
–
–
0
–
Soft unmute channel 2 (1)
–
–
–
–
–
–
1
–
Soft mute channel 2
–
–
–
–
–
–
–
0
Soft unmute channel 1 (1)
–
–
–
–
–
–
–
1
Soft mute channel 1
(1)
Default values are in bold.
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
49
Product Folder Link(s): TAS5711



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com