Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

THS4151CD.A Datasheet(PDF) 21 Page - Texas Instruments

Part # THS4151CD.A
Description  HIGH-SPEED DIFFERENTIAL I/O AMPLIFIERS
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THS4151CD.A Datasheet(HTML) 21 Page - Texas Instruments

Back Button THS4151CD.A Datasheet HTML 17Page - Texas Instruments THS4151CD.A Datasheet HTML 18Page - Texas Instruments THS4151CD.A Datasheet HTML 19Page - Texas Instruments THS4151CD.A Datasheet HTML 20Page - Texas Instruments THS4151CD.A Datasheet HTML 21Page - Texas Instruments THS4151CD.A Datasheet HTML 22Page - Texas Instruments THS4151CD.A Datasheet HTML 23Page - Texas Instruments THS4151CD.A Datasheet HTML 24Page - Texas Instruments THS4151CD.A Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 38 page
background image
GENERAL PowerPAD DESIGN
DIE
Side View (a)
End View (b)
Bottom View (c)
DIE
Thermal
Pad
THS4150
THS4151
www.ti.com........................................................................................................................................................... SLOS321G – MAY 2000 – REVISED MARCH 2009
The THS415x is available packaged in a thermally-enhanced DGN package, which is a member of the
PowerPAD family of packages. This package is constructed using a downset leadframe upon which the die is
mounted [see Figure 44(a) and Figure 44(b)]. This arrangement results in the lead frame being exposed as a
thermal pad on the underside of the package [see Figure 44(c)]. Because this thermal pad has direct thermal
contact with the die, excellent thermal performance can be achieved by providing a good thermal path away from
the thermal pad.
The PowerPAD package allows for both assembly and thermal management in one manufacturing operation.
During the surface-mount solder operation (when the leads are being soldered), the thermal pad can also be
soldered to a copper area underneath the package. Through the use of thermal paths within this copper area,
heat can be conducted away from the package into either a ground plane or other heat dissipating device.
The PowerPAD package represents a breakthrough in combining the small area and ease of assembly of the
surface mount with the, heretofore, awkward mechanical methods of heatsinking.
More complete details of the PowerPAD™ installation process and thermal management techniques can be
found in the Texas Instruments Technical Brief, PowerPAD Thermally Enhanced Package (SLMA002). This
document can be found at the TI web site (www.ti.com) by searching on the key word PowerPAD. The
document can also be ordered through your local TI sales office. Refer to literature number SLMA002 when
ordering.
A.
The thermal pad is electrically isolated from all terminals in the package.
Figure 44. Views of Thermally Enhanced DGN Package
Copyright © 2000–2009, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Link(s): THS4150 THS4151



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com