Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SRHT Datasheet(PDF) 3 Page - HellermannTyton.

Part # SRHT
Description  The Award Winning Multi Purpose Cable Installation Tool
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HELLERMANNTYTON [HellermannTyton.]
Direct Link  https://www.hellermanntyton.us/
Logo HELLERMANNTYTON - HellermannTyton.

SRHT Datasheet(HTML) 3 Page - HellermannTyton.

  SRHT Datasheet HTML 1Page - HellermannTyton. SRHT Datasheet HTML 2Page - HellermannTyton. SRHT Datasheet HTML 3Page - HellermannTyton. SRHT Datasheet HTML 4Page - HellermannTyton. SRHT Datasheet HTML 5Page - HellermannTyton. SRHT Datasheet HTML 6Page - HellermannTyton. SRHT Datasheet HTML 7Page - HellermannTyton. SRHT Datasheet HTML 8Page - HellermannTyton. SRHT Datasheet HTML 9Page - HellermannTyton. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
128
6.2
Essentials
Cable Rod Sets
T
Mega Set
The Mega Set is the most comprehensive Cable Rod system and top
of its range. With 16 Metres of length the Mega Set provides 6
Flexibilities, and the ability to Push, Pull, Retrieve, Grip and
illuminate. The Mega Set is the choice for professionals for use in
domestic environments, perfect for industrial and long reach work.
Rods Included:
• 6 x 1m x 5mm Standard Red Rods
• 3 x 1m x 4mm Floppy Yellow Rods
• 3 x 1m x 6mm Stiffy Black Rods
• 1 x 1m x 5mm Standard Red Swivel End Rod
• 1 x 1m x 4mm Floppy Yellow Swivel End Rod
• 1 x 1m x 5mm Swivel End Rod Glow
• 1 x 1m x 5mm Super Flexi Lead
• 1 x 175mm Flexi Lead
• 1 x 250mm Black Flexi Lead
Accessories Included:
• Chain
• Single Magnet
• Domed Bullet
• Flat Bullet
• Tuff Hook
• Mini Eye and Push Pull Ring
• Gender Changer
• Super Grip 06 - 10mm
• Super Grip 11 - 15mm
• Super Beam
Product
Reference
Mega Set
CRMX
Mega Set
Product
Reference
Deluxe Set
CRSD
The Deluxe Set
The Deluxe Set
The Deluxe set is ideal for smaller and larger installations.
Various degrees of flexibility, and 10 metres of length, allow you
to manage the more troublesome and lengthy cable routing tasks.
A must for all Professional Electricians!
With illumination included within this set, it is the ideal solution
for the majority of your cable routing needs.
Rods Included:
• 6 x 1m x 5mm Standard Red Rods
• 2 x 1m x 6mm Stiffy Black Rods
• 2 x 1m x 4mm Floppy Yellow Rods
Accessories Included:
• 175mm Flexi Lead
• Domed Bullet
• Tuff Hook
• Mini Eye and Ring
• Gender Changer
• Thread Cleaning Flat Bullet
• Single Magnet
• Super Beam Torch Attachment
LENGTH: 16 Metres
APPLICATION: Route - Retrieve - Illuminate - 5 Flexibilities - Grip
LENGTH: 10 Metres
APPLICATION: Route - Retrieve - Illuminate - 4 Flexibilities
G_Ess IRISH Sect6
26/7/06
15:06
Page 128



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com