Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STPSC20G12-Y Datasheet(PDF) 6 Page - STMicroelectronics

Part # STPSC20G12-Y
Description  Automotive 1200 V, 20 A power Schottky high surge silicon carbide diode
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPSC20G12-Y Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STPSC20G12-Y Datasheet HTML 2Page - STMicroelectronics STPSC20G12-Y Datasheet HTML 3Page - STMicroelectronics STPSC20G12-Y Datasheet HTML 4Page - STMicroelectronics STPSC20G12-Y Datasheet HTML 5Page - STMicroelectronics STPSC20G12-Y Datasheet HTML 6Page - STMicroelectronics STPSC20G12-Y Datasheet HTML 7Page - STMicroelectronics STPSC20G12-Y Datasheet HTML 8Page - STMicroelectronics STPSC20G12-Y Datasheet HTML 9Page - STMicroelectronics STPSC20G12-Y Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
2
Package information
In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK packages,
depending on their level of environmental compliance. ECOPACK specifications, grade definitions and product
status are available at: www.st.com. ECOPACK is an ST trademark.
2.1
DO-247 LL package information
•
Epoxy meets UL94, V0
•
Cooling method: by conduction (C)
•
Recommended torque value: 0.8 N·m
•
Maximum torque value: 1.0 N·m
Figure 10. DO-247 LL package outline
STPSC20G12-Y
Package information
DS14117 - Rev 1
page 6/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com