Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STPSC20G065DY Datasheet(PDF) 12 Page - STMicroelectronics

Part # STPSC20G065DY
Description  Automotive 650 V, 20 A high surge silicon carbide power Schottky diode
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPSC20G065DY Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STPSC20G065DY Datasheet HTML 4Page - STMicroelectronics STPSC20G065DY Datasheet HTML 5Page - STMicroelectronics STPSC20G065DY Datasheet HTML 6Page - STMicroelectronics STPSC20G065DY Datasheet HTML 7Page - STMicroelectronics STPSC20G065DY Datasheet HTML 8Page - STMicroelectronics STPSC20G065DY Datasheet HTML 9Page - STMicroelectronics STPSC20G065DY Datasheet HTML 10Page - STMicroelectronics STPSC20G065DY Datasheet HTML 11Page - STMicroelectronics STPSC20G065DY Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
IMPORTANT NOTICE – READ CAREFULLY
STMicroelectronics NV and its subsidiaries (“ST”) reserve the right to make changes, corrections, enhancements, modifications, and improvements to ST
products and/or to this document at any time without notice.
In the event of any conflict between the provisions of this document and the provisions of any contractual arrangement in force between the purchasers and
ST, the provisions of such contractual arrangement shall prevail.
The purchasers should obtain the latest relevant information on ST products before placing orders. ST products are sold pursuant to ST’s terms and
conditions of sale in place at the time of order acknowledgment.
The purchasers are solely responsible for the choice, selection, and use of ST products and ST assumes no liability for application assistance or the design of
the purchasers’ products.
No license, express or implied, to any intellectual property right is granted by ST herein.
Resale of ST products with provisions different from the information set forth herein shall void any warranty granted by ST for such product.
If the purchasers identify an ST product that meets their functional and performance requirements but that is not designated for the purchasers' market
segment, the purchasers shall contact ST for more information.
ST and the ST logo are trademarks of ST. For additional information about ST trademarks, refer to www.st.com/trademarks. All other product or service names
are the property of their respective owners.
Information in this document supersedes and replaces information previously supplied in any prior versions of this document.
© 2025 STMicroelectronics – All rights reserved
STPSC20G065-Y
DS14850 - Rev 4
page 12/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com