Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STPSC20G12L2Y Datasheet(PDF) 7 Page - STMicroelectronics

Part # STPSC20G12L2Y
Description  Automotive 1200 V, 20 A power Schottky high surge silicon carbide diode
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPSC20G12L2Y Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STPSC20G12L2Y Datasheet HTML 3Page - STMicroelectronics STPSC20G12L2Y Datasheet HTML 4Page - STMicroelectronics STPSC20G12L2Y Datasheet HTML 5Page - STMicroelectronics STPSC20G12L2Y Datasheet HTML 6Page - STMicroelectronics STPSC20G12L2Y Datasheet HTML 7Page - STMicroelectronics STPSC20G12L2Y Datasheet HTML 8Page - STMicroelectronics STPSC20G12L2Y Datasheet HTML 9Page - STMicroelectronics STPSC20G12L2Y Datasheet HTML 10Page - STMicroelectronics STPSC20G12L2Y Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Table 6. HU3PAK package mechanical data
Ref.
Dimensions
mm
Min.
Typ.
Max.
A
3.40
3.50
3.60
A1
0.05
b
0.50
0.60
0.70
b2
0.50
0.70
1.00
b3
0.80
0.90
1.00
c
0.40
0.50
0.60
c2
0.40
0.50
0.60
D
11.70
11.80
11.90
D1
8.80
8.955
9.10
E
13.90
14.00
14.10
E1
12.30
12.40
12.50
E2
7.75
7.80
7.85
e
BSC 1.27
H
18.00
18.58
19.00
L
2.40
2.52
2.60
L1
3.05
L2
0.90
1.00
1.10
L3
BSC 0.26
L4
0.075
0.125
0.175
L5
1.83
1.93
2.03
L6
2.14
2.24
2.34
L7
4.44
4.54
4.64
aaa
0.10
F1
2.90
3.00
3.10
F2
2.40
2.50
2.60
F3
0.25
0.35
0.45
N1
3.80
3.90
4.00
N2
0.25
0.30
0.45
N3
0.80
0.90
1.00
T
0.50
0.67
0.70
T2
9.18
9.38
9.43
θ1
0°
8°
θ2
0°
8°
1. Package outline exclusive of any mold flashes dimensions.
2. Package outline exclusive of burr dimensions.
3. Max resin gate protrusion: 0.25 mm.
4. The planarity of the package backside 50 micron max.
5. BSC: basic spacing between centers
STPSC20G12L2Y
Package information
DS14787 - Rev 2
page 7/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com