Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STPSC20H12-Y Datasheet(PDF) 12 Page - STMicroelectronics

Part # STPSC20H12-Y
Description  Automotive 1200 V, 20 A, silicon carbide power Schottky diode
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPSC20H12-Y Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STPSC20H12-Y Datasheet HTML 6Page - STMicroelectronics STPSC20H12-Y Datasheet HTML 7Page - STMicroelectronics STPSC20H12-Y Datasheet HTML 8Page - STMicroelectronics STPSC20H12-Y Datasheet HTML 9Page - STMicroelectronics STPSC20H12-Y Datasheet HTML 10Page - STMicroelectronics STPSC20H12-Y Datasheet HTML 11Page - STMicroelectronics STPSC20H12-Y Datasheet HTML 12Page - STMicroelectronics STPSC20H12-Y Datasheet HTML 13Page - STMicroelectronics STPSC20H12-Y Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
3
Ordering information
Table 9. Ordering information
Order code
Marking
Package
Weight
Base qty.
Delivery mode
STPSC20H12DY
STPSC20H12DY
TO-220AC
1.86 g
50
Tube
STPSC20H12GY-TR
STPSC20H12GY
D²PAK
1.48 g
1000
Tape and reel
STPSC20H12G2Y-TR
SC20H12G2Y
D²PAK HV
1.48 g
1000
Tape and reel
STPSC20H12-Y
Ordering information
DS11830 - Rev 4
page 12/14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com