Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F18425 Datasheet(PDF) 21 Page - Microchip Technology

Part # PIC16F18425
Description  PIC16(L)F184XX Memory Programming Specification
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F18425 Datasheet(HTML) 21 Page - Microchip Technology

Back Button PIC16F18425 Datasheet HTML 17Page - Microchip Technology PIC16F18425 Datasheet HTML 18Page - Microchip Technology PIC16F18425 Datasheet HTML 19Page - Microchip Technology PIC16F18425 Datasheet HTML 20Page - Microchip Technology PIC16F18425 Datasheet HTML 21Page - Microchip Technology PIC16F18425 Datasheet HTML 22Page - Microchip Technology PIC16F18425 Datasheet HTML 23Page - Microchip Technology PIC16F18425 Datasheet HTML 24Page - Microchip Technology PIC16F18425 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 52 page
background image
1.4.2.5
CONFIG5
Name: 
CONFIG5
Offset: 
0x800B
Configuration Word 5
Code Protection
Bit
15
14
13
12
11
10
9
8
Access
U
U
U
U
U
U
Reset
1
1
1
1
1
1
Bit
7
6
5
4
3
2
1
0
CP
Access
U
U
U
U
U
U
U
R/P
Reset
1
1
1
1
1
1
1
1
Bit 0 – CP Program Flash Memory Code Protection bit
Value
Description
1
Program Flash Memory code protection disabled
0
Program Flash Memory code protection enabled
1.5
Device Information Area
The Device Information Area (DIA) is a dedicated region in the Program Flash Memory. The data is
mapped from 8100h to 811Fh. These locations are read-only and cannot be erased or modified. The DIA
holds the calibration data for the temperature indicator module and the FVR voltages, which are useful for
temperature sensing applications and calibration.
Related Links
Appendix D: Device Information Area (DIA)
1.6
Device Configuration Information
The Device Configuration Information (DCI) is a dedicated region in the Program Flash Memory mapped
from 8200h to 821Fh. The data stored in the DCI memory is hard-coded into the device during
manufacturing. The DCI holds information about the device which is useful for programming and
bootloaders. These locations are read-only and cannot be erased or modified. For more information, refer
to the product-specific data sheet.
Related Links
Appendix C: Device Configuration Information (DCI)
PIC16(L)F184XX
Memory Map
© 2017 Microchip Technology Inc.
DS40001970A-page 21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com