Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F18455 Datasheet(PDF) 39 Page - Microchip Technology

Part # PIC16F18455
Description  PIC16(L)F184XX Memory Programming Specification
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F18455 Datasheet(HTML) 39 Page - Microchip Technology

Back Button PIC16F18455 Datasheet HTML 35Page - Microchip Technology PIC16F18455 Datasheet HTML 36Page - Microchip Technology PIC16F18455 Datasheet HTML 37Page - Microchip Technology PIC16F18455 Datasheet HTML 38Page - Microchip Technology PIC16F18455 Datasheet HTML 39Page - Microchip Technology PIC16F18455 Datasheet HTML 40Page - Microchip Technology PIC16F18455 Datasheet HTML 41Page - Microchip Technology PIC16F18455 Datasheet HTML 42Page - Microchip Technology PIC16F18455 Datasheet HTML 43Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 52 page
background image
AC/DC CHARACTERISTICS
Standard Operating Conditions Production tested at 25°C
Sym.
Characteristics
Min.
Typ.
Max.
Units
Conditions/
Comments
VBE
Bulk Erase operations
VBORMAX(2)
—
VDDMAX
V
IDDI
Current on VDD, Idle
—
—
1.0
mA
IDDP
Current on VDD, Programming
—
—
5.0
mA
IPP
VPP
Current on MCLR/VPP
—
—
600
µA
VIHH
High Voltage on MCLR/VPP for
Program/Verify Mode Entry
7.9
—
9.0
V
TVHHR
MCLR Rise Time (VIL to VIHH) for
Program/Verify Mode Entry
—
—
1.0
µs
I/O pins
VIH
(ICSPCLK, ICSPDAT, MCLR/VPP) Input
High Level
0.8 VDD
—
—
V
VIL
(ICSPCLK, ICSPDAT, MCLR/VPP) Input
Low Level
—
—
0.2 VDD
V
VOH
ICSPDAT Output High Level
VDD-0.7
VDD-0.7
VDD-0.7
—
—
V
IOH = -3.5 mA, VDD =
5V IOH = -3 mA, VDD
= 3.3V IOH = -1 mA,
VDD = 1.8V
VOL
ICSPDAT Output Low Level
—
—
VSS+0.6
VSS+0.6
VSS+0.6
V
IOL = 8 mA, VDD =
5V IOL = 6 mA, VDD
= 3.3V IOL = 1.8 mA,
VDD = 1.8V
Programming Mode Entry and Exit
TENTS
Programing Mode Entry Setup Time:
ICSPCLK, ICSPDAT Setup Time
Before VDD or MCLR↑
100
—
—
ns
TENTH
Programing Mode Entry Hold Time:
ICSPCLK, ICSPDAT Hold Time after
VDD or MCLR↑
250
—
—
µs
Serial Program/Verify
TCKL
Clock Low Pulse Width
100
—
—
ns
TCKH
Clock High Pulse Width
100
—
—
ns
TDS
Data in SETUP TIME before Clock↓
100
—
—
ns
TDH
Data in HOLD TIME after Clock↓
100
—
—
ns
TCO
Clock↑ to DATA OUT VALID (during a
Read Data Command)
0
—
80
ns
TLZD
Clock↓ to Data Low-impedance (during
a Read Data Command)
0
—
80
ns
THZD
Clock↓ to Data High-impedance (during
a Read Data command)
0
—
80
ns
PIC16(L)F184XX
Programming Algorithms
© 2017 Microchip Technology Inc.
DS40001970A-page 39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com